công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74S299 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện DM74S299
Giải thích chi tiết về linh kiện  3-STATE 8-Bit Universal Shift/Storage Register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S299 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  DM74S299 Datasheet HTML 1Page - Fairchild Semiconductor DM74S299 Datasheet HTML 2Page - Fairchild Semiconductor DM74S299 Datasheet HTML 3Page - Fairchild Semiconductor DM74S299 Datasheet HTML 4Page - Fairchild Semiconductor DM74S299 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006485
www.fairchildsemi.com
August 1986
Revised May 2000
DM74S299
3-STATE 8-Bit Universal Shift/Storage Register
General Description
This Schottky TTL eight-bit universal register features mul-
tiplexed inputs/outputs to achieve full eight bit data han-
dling in a single 20-pin package. Two function-select inputs
and two output-control inputs can be used to choose the
modes of operation listed in the function table.
Synchronous parallel loading is accomplished by taking
both function-select lines, S0 and S1, HIGH. This places
the 3-STATE outputs in a high-impedance state, which per-
mits data that is applied on the input/output lines to be
clocked into the register. Reading out of the register can be
accomplished while the outputs are enabled in any mode.
A direct overriding input is provided to clear the register
whether the outputs are ENABLED or OFF.
Features
s Multiplexed inputs/outputs provide improved bit density
s Four modes of operation:
Hold (Store)
Shift Left
Shift Right
Load Data
s 3-STATE outputs drive bus lines directly
s Can be cascaded for N-bit word lengths
s Operates with outputs enabled or at high Z
s Guaranteed shift (clock) frequency 50 MHz
s Typical power dissipation 700 mW
Ordering Code:
Connection Diagram
Order Number
Package Number
Package Description
DM74S299N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Số phần tương tự - DM74S299

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74S20 FAIRCHILD-DM74S20 Datasheet
33Kb / 3P
   Dual 4-Input NAND Gate
DM74S20N FAIRCHILD-DM74S20N Datasheet
33Kb / 3P
   Dual 4-Input NAND Gate
DM74S240 FAIRCHILD-DM74S240 Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74S240N FAIRCHILD-DM74S240N Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74S241N FAIRCHILD-DM74S241N Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
More results

Mô tả tương tự - DM74S299

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com