công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74S133N bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện DM74S133N
Giải thích chi tiết về linh kiện  13-Input NAND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S133N bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  DM74S133N Datasheet HTML 1Page - Fairchild Semiconductor DM74S133N Datasheet HTML 2Page - Fairchild Semiconductor DM74S133N Datasheet HTML 3Page - Fairchild Semiconductor DM74S133N Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−1mA
IOL
LOW Level Output Current
20
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
50
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.5V
−2mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−40
−100
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
3
5
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
5.5
10
mA
RL = 280Ω
Symbol
Parameter
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
262
8
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
2
7
3
10
ns
HIGH-to-LOW Level Output


Số phần tương tự - DM74S133N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DM74S132 NSC-DM74S132 Datasheet
56Kb / 3P
   Quad 2-Input Schmitt Trigger NAND Gate
DM74S132N NSC-DM74S132N Datasheet
56Kb / 3P
   Quad 2-Input Schmitt Trigger NAND Gate
logo
Fairchild Semiconductor
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
DM74S138N FAIRCHILD-DM74S138N Datasheet
55Kb / 5P
   Decoder/Demultiplexer
DM74S139 FAIRCHILD-DM74S139 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
More results

Mô tả tương tự - DM74S133N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
   13-INPUT NAND GATE
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
   13-input NAND gate
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
   13-Input NAND Gate
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
   13-INPUT NAND GATE
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
   13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
   13-input NAND Gate
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
   13.input NAND Gate
July 2, 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
   13 INPUT NAND GATE
logo
NXP Semiconductors
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
   13-input NAND gate
September 1993
logo
Hitachi Semiconductor
HD74HC133 HITACHI-HD74HC133 Datasheet
52Kb / 9P
   13-input NAND Gate
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com