công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74LS74AM bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện DM74LS74AM
Giải thích chi tiết về linh kiện  Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS74AM bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  DM74LS74AM Datasheet HTML 1Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 2Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 3Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 4Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 5Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 7: All typicals are at VCC = 5V, TA = 25°C.
Note 8: Not more than one output should be shorted at a time, and the duration should not exceed one second. For devices, with feedback from the outputs,
where shorting the outputs to ground may cause the outputs to change logic state an equivalent test may be performed where VO = 2.125V with the minimum
and maximum limits reduced by one half from their stated values. This is very useful when using automatic test equipment.
Note 9: With all outputs OPEN, ICC is measured with CLOCK grounded after setting the Q and Q outputs HIGH in turn.
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 7)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max
Data
0.1
Input Voltage
VI = 7V
Clock
0.1
mA
Preset
0.2
Clear
0.2
IIH
HIGH Level
VCC = Max
Data
20
Input Current
VI = 2.7V
Clock
20
µA
Clear
40
Preset
40
IIL
LOW Level
VCC = Max
Data
−0.4
Input Current
VI = 0.4V
Clock
−0.4
mA
Preset
−0.8
Clear
−0.8
IOS
Short Circuit Output Current
VCC = Max (Note 8)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 9)
4
8
mA
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
25
20
MHz
tPLH
Propagation Delay Time
Clock to Q or Q
25
35
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Q or Q
30
35
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Preset to Q
25
35
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Preset to Q
30
35
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clear to Q
25
35
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clear to Q
30
35
ns
HIGH-to-LOW Level Output


Số phần tương tự - DM74LS74AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DM74LS74AM NSC-DM74LS74AM Datasheet
136Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
More results

Mô tả tương tự - DM74LS74AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74S74 FAIRCHILD-DM74S74 Datasheet
50Kb / 5P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear, and Complementary Outputs
logo
National Semiconductor ...
54LS74 NSC-54LS74 Datasheet
136Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Texas Instruments
5474 TI1-5474 Datasheet
358Kb / 8P
[Old version datasheet]   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
5474 NSC-5474 Datasheet
121Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM7474 FAIRCHILD-DM7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
54LS109 NSC-54LS109 Datasheet
135Kb / 6P
   Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com