công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74LS73A bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện DM74LS73A
Giải thích chi tiết về linh kiện  Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS73A bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  DM74LS73A Datasheet HTML 1Page - Fairchild Semiconductor DM74LS73A Datasheet HTML 2Page - Fairchild Semiconductor DM74LS73A Datasheet HTML 3Page - Fairchild Semiconductor DM74LS73A Datasheet HTML 4Page - Fairchild Semiconductor DM74LS73A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 5: All typicals are at VCC = 5V, TA = 25°C.
Note 6: Not more than one output should be shorted at a time, and the duration should not exceed one second. For devices, with feedback from the outputs,
where shorting the outputs to ground may cause the outputs to change logic state, an equivalent test may be performed where VO = 2.125V with the mini-
mum and maximum limits reduced by one half from their stated values. This is very useful when using automatic test equipment.
Note 7: With all outputs OPEN, ICC is measured with the Q and Q outputs HIGH in turn. At the time of measurement, the clock is grounded.
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 5)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max
J, K
0.1
Input Voltage
VI = 7V
Clear
0.3
mA
Clock
0.4
IIH
HIGH Level
VCC = Max
J, K
20
Input Current
VI = 2.7V
Clear
60
µA
Clock
80
IIL
LOW Level
VCC = Max
J, K
−0.4
Input Current
VI = 0.4V
Clear
−0.8
mA
Clock
−0.8
IOS
Short Circuit Output Current
VCC = Max (Note 6)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 7)
4
6
mA
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
30
25
MHz
tPHL
Propagation Delay Time
Clear
20
28
ns
HIGH-to-LOW Level Output
to Q
tPLH
Propagation Delay Time
Clear
20
24
ns
LOW-to-HIGH Level Output
to Q
tPLH
Propagation Delay Time
Clock to
20
24
ns
LOW-to-HIGH Level Output
Q or Q
tPHL
Propagation Delay Time
Clock to
20
28
ns
HIGH-to-LOW Level Output
Q or Q


Số phần tương tự - DM74LS73A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DM74LS73A NSC-DM74LS73A Datasheet
91Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGGERED MASTER-SLAVE J-K FLIP-FLOPS WITH CLEAR AND COMPLEMENTARY OUTPUTS
DM74LS73A NSC-DM74LS73A Datasheet
121Kb / 6P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
DM74LS73AM NSC-DM74LS73AM Datasheet
91Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGGERED MASTER-SLAVE J-K FLIP-FLOPS WITH CLEAR AND COMPLEMENTARY OUTPUTS
DM74LS73AM NSC-DM74LS73AM Datasheet
121Kb / 6P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
DM74LS73AN NSC-DM74LS73AN Datasheet
91Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGGERED MASTER-SLAVE J-K FLIP-FLOPS WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results

Mô tả tương tự - DM74LS73A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DM54LS107A NSC-DM54LS107A Datasheet
119Kb / 6P
   Dual Negative-Edge- Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
DM54LS73A NSC-DM54LS73A Datasheet
91Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGGERED MASTER-SLAVE J-K FLIP-FLOPS WITH CLEAR AND COMPLEMENTARY OUTPUTS
DM54LS73A NSC-DM54LS73A_89 Datasheet
121Kb / 6P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM7473 FAIRCHILD-DM7473 Datasheet
39Kb / 3P
   Dual Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54107 NSC-DM54107 Datasheet
78Kb / 3P
   DUAL MASTER-SLAVE J-K FLIP-FLOPS WITH CLEAR AND COMPLEMENTARY OUTPUTS
DM54L73 NSC-DM54L73 Datasheet
88Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS112A FAIRCHILD-DM74LS112A Datasheet
52Kb / 5P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flop with Preset, Clear, and Complementary Outputs
DM74S112 FAIRCHILD-DM74S112 Datasheet
43Kb / 4P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flop with Preset, Clear, and Complementary Outputs
DM7476 FAIRCHILD-DM7476_01 Datasheet
47Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
DM7476 FAIRCHILD-DM7476 Datasheet
41Kb / 4P
   Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com