công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74LS533 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện DM74LS533
Giải thích chi tiết về linh kiện  Octal Transparent Latch with 3-STATE Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS533 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  DM74LS533 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS533 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS533 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS533 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009811
www.fairchildsemi.com
October 1988
Revised March 2000
DM74LS533
Octal Transparent Latch with 3-STATE Outputs
General Description
The DM74LS533 consists of eight latches with 3-STATE
outputs for bus organized system applications. The flip-
flops appear transparent to the data when Latch Enable
(LE) is HIGH. When LE is LOW, the data that meets the
setup times is latched. Data appears on the bus when the
Output Enable (OE) is LOW. When OE is HIGH the bus
output is in the high impedance state. The DM74LS533 is
the same as the DM74LS373, except that the outputs are
inverted. For detailed specifications please see the
DM74LS373 data sheet, but note that the propagation
delays from data to output are 5.0 ns longer for the
DM74LS533 than for the DM74LS373.
Features
s Eight latches in a single package
s 3-STATE outputs for bus interfacing
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
VCC = Pin 20
GND
= Pin 10
Pin Descriptions
Connection Diagram
Function Table
L
= LOW State
H
= HIGH State
X
= Don't Care
Z
= High Impedance State
QO = Previous Condition of O
Order Number
Package Number
Package Description
DM74LS533WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74LS533N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
D0, D7
Data Inputs
LE
Latch Enable Input (Active HIGH)
OE
Output Enable Input (Active LOW)
O0–O7
Complementary 3-STATE Outputs
OUTPUT
Latch
D
Output
Enable
Enable
O
LH
H
L
LH
L
H
LL
X
QO
HX
X
Z


Số phần tương tự - DM74LS533

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74LS534 FAIRCHILD-DM74LS534 Datasheet
43Kb / 5P
   Octal D-Type Flip-Flop with 3-STATE Outputs
DM74LS534N FAIRCHILD-DM74LS534N Datasheet
43Kb / 5P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Mô tả tương tự - DM74LS533

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com