công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74LS365A bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện DM74LS365A
Giải thích chi tiết về linh kiện  Hex 3-STATE Buffer/Bus Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS365A bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  DM74LS365A Datasheet HTML 1Page - Fairchild Semiconductor DM74LS365A Datasheet HTML 2Page - Fairchild Semiconductor DM74LS365A Datasheet HTML 3Page - Fairchild Semiconductor DM74LS365A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Both G inputs are at 2V.
Note 4: Both G inputs at 0.4V.
Note 5: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 6: ICC is measured with the DATA inputs grounded and the OUTPUT CONTROLS at 4.5V.
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 7: CL = 5 pF.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 12 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level
VCC = Max, VI = 0.5V (Note 3)
A Input
−20
µA
Input Current
VCC = Max, VI = 0.4V (Note 4)
A Input
−0.4
mA
VCC = Max, VI = 0.4V
G Input
−0.4
IOZH
Off-State Output Current with
VCC = Max, VO = 2.4V
20
µA
HIGH Level Output Voltage Applied VIH = Min, VIL = Max
IOZL
Off-State Output Current with
VCC = Max, VO = 0.4V
−20
µA
LOW Level Output Voltage Applied VIH = Min, VIL = Max
IOS
Short Circuit Output Current
VCC = Max (Note 5)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 6)
14
24
mA
RL = 667Ω
Symbol
Parameter
CL = 50 pF
CL = 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time LOW-to-HIGH Level Output
16
25
ns
tPHL
Propagation Delay Time HIGH-to-LOW Level Output
16
25
ns
tPZH
Output Enable Time to HIGH Level Output
30
40
ns
tPZL
Output Enable Time to LOW Level Output
30
40
ns
tPHZ
Output Disable Time from HIGH Level Output (Note 7)
20
ns
tPLZ
Output Disable Time from LOW Level Output (Note 7)
20
ns


Số phần tương tự - DM74LS365A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DM74LS365AN NSC-DM74LS365AN Datasheet
131Kb / 6P
   Hex TRI-STATE Buffers
More results

Mô tả tương tự - DM74LS365A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
   Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
logo
NXP Semiconductors
74HC_HCT365 PHILIPS-74HC_HCT365_15 Datasheet
180Kb / 21P
   Hex buffer/line driver; 3-state
Rev. 3-5 September 2012
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com