công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7400 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor |
|
7400 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page © 2000 Fairchild Semiconductor Corporation DS006439 www.fairchildsemi.com August 1986 Revised March 2000 DM74LS00 Quad 2-Input NAND Gate General Description This device contains four independent gates each of which performs the logic NAND function. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = AB H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS00M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS00SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS00N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB Y LL H LH H HL H HH L |
Số phần tương tự - 7400 |
|
Mô tả tương tự - 7400 |