công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4871LD bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM4871LD
Giải thích chi tiết về linh kiện  3W Audio Power Amplifier with Shutdown Mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871LD bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM4871LD Datasheet HTML 1Page - Texas Instruments LM4871LD Datasheet HTML 2Page - Texas Instruments LM4871LD Datasheet HTML 3Page - Texas Instruments LM4871LD Datasheet HTML 4Page - Texas Instruments LM4871LD Datasheet HTML 5Page - Texas Instruments LM4871LD Datasheet HTML 6Page - Texas Instruments LM4871LD Datasheet HTML 7Page - Texas Instruments LM4871LD Datasheet HTML 8Page - Texas Instruments LM4871LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM4871
www.ti.com
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
LM4871
3W Audio Power Amplifier with Shutdown Mode
Check for Samples: LM4871
1
FEATURES
DESCRIPTION
The LM4871 is a mono bridged audio power amplifier
2
No Output Coupling Capacitors, Bootstrap
capable of delivering 3W of continuous average
Capacitors, or Snubber Circuits Required
power into a 3
Ω load with less than 10% THD when
Unity-gain Stable
powered by a 5V power supply (see Note). To
WSON, VSSOP, SOIC, or PDIP Packaging
conserve
power
in
portable
applications,
the
LM4871's micropower shutdown mode (IQ = 0.6µA,
External Gain Configuration Capability
typ) is activated when VDD is applied to the
Pin Compatible with the LM4861
SHUTDOWN pin.
Boomer
audio
power
amplifiers
are
designed
APPLICATIONS
specifically to provide high power, high fidelity audio
Portable Computers
output. They require few external components and
Desktop Computers
operate on low supply voltages from 2.0V to 5.5V.
Since the LM4871 does not require output coupling
Low Voltage Audio Systems
capacitors,
bootstrap
capacitors,
or
snubber
networks, it is ideally suited for low-power portable
KEY SPECIFICATIONS
systems that require minimum volume and weight.
PO at 10% THD+N, 1kHz
Additional LM4871 features include thermal shutdown
LM4871LD: 3
Ω , 4Ω Loads; 3W (typ),
protection, unity-gain stability, and external gain set.
2.5 W (typ)
Note: An LM4871LD that has been properly mounted
All other LM4871 Packages: 8
Ω load
to a circuit board will deliver 3W into 3
Ω (at 10%
1.5 W (typ)
THD). The other package options for the LM4871 will
Shutdown Current 0.6µA (typ)
deliver 1.5W into 8
Ω (at 10% THD). See the
Application Information section for further information
Supply Voltage Range 2.0V to 5.5 V
concerning the LM4871LD, LM4871MM, LM4871M,
THD at 1kHz at 1W Continuous Average
and the LM4871N.
Output Power into 8
Ω 0.5% (max)
Connection Diagrams
Figure 1. VSSOP, Small Outline, and PDIP
Figure 2. WSON Package (Top View)
Package
See Package Number NGN0008A
Top View
See Package Number DGK0008A, D0008A, or
D0008E
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM4871LD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
LM4871M NSC-LM4871M Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871N NSC-LM4871N Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
More results

Mô tả tương tự - LM4871LD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
   3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4991 TI-LM4991_15 Datasheet
989Kb / 22P
[Old version datasheet]   3W Audio Power Amplifier with Shutdown Mode
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
   3W mono audio power amplifier with shutdown mode
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
   3W Mono with Shutdown Mode Audio Power Amplifier
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
   3W Mono with Shutdown Mode Audio Power Amplifier
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com