công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317LCPK bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM317LCPK
Giải thích chi tiết về linh kiện  3-TERMINAL ADJUSTABLE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCPK bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM317LCPK Datasheet HTML 1Page - Texas Instruments LM317LCPK Datasheet HTML 2Page - Texas Instruments LM317LCPK Datasheet HTML 3Page - Texas Instruments LM317LCPK Datasheet HTML 4Page - Texas Instruments LM317LCPK Datasheet HTML 5Page - Texas Instruments LM317LCPK Datasheet HTML 6Page - Texas Instruments LM317LCPK Datasheet HTML 7Page - Texas Instruments LM317LCPK Datasheet HTML 8Page - Texas Instruments LM317LCPK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM317L
www.ti.com
SLCS144D
– JULY 2004 – REVISED OCTOBER 2011
Absolute Maximum Ratings
(1)
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
Vl – VO
Input-to-output differential voltage
35
V
D package(3)
97.1
LP package(3)
139.5
θJA
Package thermal impedance(2)
°C/W
PK package(4)
51.5
PW package(3)
149.4
TJ
Operating virtual-junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
The package thermal impedance is calculated in accordance with JESD 51-5.
Recommended Operating Conditions
MIN
MAX
UNIT
VI – VO
Input-to-output voltage differential
35
V
IO
Output current
2.5
100
mA
LM317LC
0
125
TJ
Operating virtual-junction temperature
°C
LM317LI
–40
125
Electrical Characteristics
over recommended operating virtual-junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TJ = 25°C
0.01
0.02
Input voltage regulation(2)
VI – VO = 5 V to 35 V
%V
IO = 2.5 mA to 100 mA
0.02
0.05
VO = 10 V,
f = 120 Hz
65
Ripple regulation
dB
VO = 10 V,
66
80
10-
μF capacitor between ADJUSTMENT and ground
VO ≤ 5 V
25
mV
VI = 5 V to 35 V, TJ = 25°C,
IO = 2.5 mA to 100 mA,
VO ≥ 5 V
5
mV/V
Output voltage regulation
VO ≤ 5 V
50
mV
VI = 5 V to 35 V,
IO = 2.5 mA to 100 mA
VO ≥ 5 V
10
mV/V
Output voltage change with temperature
TJ = 0°C to 125°C
10
mV/V
Output voltage long-term drift
After 1000 hours at TJ = 125°C and VI – VO = 35 V
3
10
mV/V
Output noise voltage
f = 10 Hz to 10 kHz,
TJ = 25°C
30
μV/V
Minimum output current to maintain regulation
VI – VO = 35 V
1.5
2.5
mA
Peak output current
VI – VO ≤ 35 V
100
200
mA
ADJUSTMENT current
50
100
μA
Change in ADJUSTMENT current
VI – VO = 2.5 V to 35 V,
IO = 2.5 mA to 100 mA
0.2
5
μA
VI – VO = 5 V to 35 V,
IO = 2.5 mA to 100 mA,
Reference voltage (output to ADJUSTMENT)
1.2
1.25
1.3
V
P
≤ rated dissipation
(1)
Unless otherwise noted, these specifications apply for the following test conditions: VI – VO = 5 V and IO = 40 mA. Pulse-testing
techniques must be used that maintain the junction temperature as close to the ambient temperature as possible. All characteristics are
measured with a 0.1-
μF capacitor across the input and a 1-μF capacitor across the output.
(2)
Input voltage regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
Copyright
© 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): LM317L


Số phần tương tự - LM317LCPK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM317LCPK TI1-LM317LCPK Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCPK TI1-LM317LCPK Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317LCPKG3 TI1-LM317LCPKG3 Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Mô tả tương tự - LM317LCPK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com