công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74AS163M bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện DM74AS163M
Giải thích chi tiết về linh kiện  Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS163M bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  DM74AS163M Datasheet HTML 1Page - Fairchild Semiconductor DM74AS163M Datasheet HTML 2Page - Fairchild Semiconductor DM74AS163M Datasheet HTML 3Page - Fairchild Semiconductor DM74AS163M Datasheet HTML 4Page - Fairchild Semiconductor DM74AS163M Datasheet HTML 5Page - Fairchild Semiconductor DM74AS163M Datasheet HTML 6Page - Fairchild Semiconductor DM74AS163M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C
Note 2: The output conditions have been chosen to produce a current that closely approximates one half of the true short circuit output current, IOS.
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
IOH = −2 mA,
VCC − 2V
Output Voltage
VCC = 4.5 to 5.5V
VOL
LOW Level
VCC = 4.5V,
0.35
0.5
V
Output Voltage
IOL = 20 mA
II
Input Current @ Max
VCC = 5.5V,
LOAD
0.3
Input Voltage
VIH = 7V
ENT
0.2
mA
Others
0.1
IIH
HIGH Level Input Current
VCC = 5.5V,
LOAD
60
VIH = 2.7V
ENT
40
µA
Others
20
IIL
LOW Level Input Current
VCC = 5.5V,
LOAD
−0.5
VIL = 0.4V
ENT
−1mA
Others
−0.5
IO (Note 2) Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
35
53
mA
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
75
MHz
tPHL
Propagation Delay Time
RL = 500Ω
Clock
Ripple Carry
2
12.5
ns
HIGH-to-LOW Level Output
CL = 50 pF
tPLH
Propagation Delay Time
Clock
Ripple Carry
1
8
ns
LOW-to-HIGH Level Output
with Load HIGH
tPLH
Propagation Delay Time
Clock
Ripple Carry
3
16.5
ns
LOW-to-HIGH Level Output
with Load LOW
tPLH
Propagation Delay Time
Clock
Any Q
1
7
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock
Any Q
2
13
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
En T
Ripple Carry
1.5
9
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
En T
Ripple Carry
1
8.5
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
CLEAR
Any Q
2
13
ns
HIGH-to-LOW Level Output
(DM74AS161)
tPHL
Propagation Delay Time
CLEAR
Ripple Carry
2
12.5
ns
HIGH-to-LOW Level Output
(DM74AS161)


Số phần tương tự - DM74AS163M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
DM74AS169AM FAIRCHILD-DM74AS169AM Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
DM74AS169AN FAIRCHILD-DM74AS169AN Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
More results

Mô tả tương tự - DM74AS163M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
logo
NXP Semiconductors
HEF40161B PHILIPS-HEF40161B Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
NXP Semiconductors
HEF40160B PHILIPS-HEF40160B Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
logo
Fairchild Semiconductor
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com