công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM74ALS804A bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor |
|
DM74ALS804A bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor |
2 / 4 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the conditions for actual device operation. Recommended Operating Conditions Note 2: Applies for the DM74ALS804-1 option only. Electrical Characteristics over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C. Switching Characteristics over recommended operating free air temperature range Supply Voltage 7V Input Voltage 7V Operating Free Air Temperature Range 0 °C to +70°C Storage Temperature Range −65°C to +150°C Typical θ JA N Package 58.0 °C/W M Package 78.0 °C/W Symbol Parameter Min Nom Max Units VCC Supply Voltage 4.5 5 5.5 V VIH HIGH Level Input Voltage 2 V VIL LOW Level Input Voltage 0.8 V IOH HIGH Level Output Current −15 mA IOL LOW Level Output Current 24 mA TA Free Air Operating Temperature 0 70 °C Symbol Parameter Conditions Min Typ Max Units VIK Input Clamp Voltage VCC = 4.5V, II = −18 mA −1.2 V VOH HIGH Level IOH = −0.4 mA, VCC = 4.5V to 5.5V VCC − 2V Output Voltage IOH = −3 mA, VCC = 4.5V 2.4 V IOH = Max, VCC = 4.5V 2 V VOL LOW Level Output Voltage VCC = 4.5V IOL = 24 mA 0.35 0.5 V II Input Current at Maximum VCC = 5.5V, VIH = 7V 0.1 mA Input Voltage IIH HIGH Level Input Current VCC = 5.5V, VIH = 2.7V 20 µA IIL LOW Level Input Current VCC = 5.5V, VIL = 0.4V −0.1 mA IO Output Drive Current VCC = 5.5V, VO = 2.25V −30 −112 mA ICC Supply Current VCC = 5.5V VI = 0V, Outputs HIGH 0.9 2.5 mA VI = 4.5V, Outputs LOW 7 12 mA Symbol Parameter Conditions Min Max Units tPLH Propagation Delay Time VCC = 4.5V to 5.5V 27 ns LOW-to-HIGH Level Output RL = 500Ω tPHL Propagation Delay Time CL = 50 pF 28 ns HIGH-to-LOW Level Output |
Số phần tương tự - DM74ALS804A |
|
Mô tả tương tự - DM74ALS804A |