công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74ALS645AN bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện DM74ALS645AN
Giải thích chi tiết về linh kiện  Octal Bus Transceivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS645AN bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS645AN Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS645AN Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS645AN Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS645AN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
Over Recommended Free Air Temperature Range
Note 2: For I/O ports, IIH and IIL parameters include the 3-STATE output current (IOZL and IOZH).
Switching Characteristics
Over Recommended Operating Free Air Temperature Range
Supply Voltage
7V
Input Voltage;
Control Inputs
7V
I/O Ports
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
53.0
°C/W
M Package
72.0
°C/W
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
24
mA
TA
Operating Free Air Temperature Range
0
70
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIC
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level Output Voltage
VCC = 4.5 to 5.5V
IOH = −0.4 mA
VCC − 2
VCC = Max
IOH = − 3 mA
2.4
3.2
V
IOH = Max
2
VOL
LOW Level Output Voltage
VCC = Min
IOL = 12 mA
0.25
0.4
V
IOL = 24 mA
0.35
0.5
II
Input Current at
VCC = Max
I/O Ports, VI = 5.5V
100
µA
Maximum Input Voltage
Control Inputs, VI = 7V
100
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V (Note 2)
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V (Note 2)
−100
µA
IO
Output Drive Current
VCC = Max, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = Max
Outputs HIGH
30
45
Outputs LOW
36
55
mA
Outputs Disabled
38
58
Symbol
Parameter
From
To
Conditions
Min
Max
Units
(Input)
(Output)
tPLH
Propagation Delay Time
A or B
B or A
VCC = 4.5 to 5.5V,
310
ns
LOW-to-HIGH Level Output
CL = 50 pF,
tPHL
Propagation Delay Time
A or B
B or A
R1
= R2 = 500Ω
310
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time to HIGH Level Output
G
A or B
5
20
ns
tPZL
Output Enable Time to LOW Level Output
G
A or B
5
20
ns
tPHZ
Output Disable Time from HIGH Level Output
G
A or B
2
10
ns
tPLZ
Output Disable Time from LOW Level Output
G
A or B
4
15
ns


Số phần tương tự - DM74ALS645AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS640 FAIRCHILD-DM74ALS640 Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
DM74ALS640AN FAIRCHILD-DM74ALS640AN Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
DM74ALS640AWM FAIRCHILD-DM74ALS640AWM Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
More results

Mô tả tương tự - DM74ALS645AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com