công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74ALS5245SJX bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện DM74ALS5245SJX
Giải thích chi tiết về linh kiện  Octal 3-STATE Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS5245SJX bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS5245SJX Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS5245SJX Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS5245SJX Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS5245SJX Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS5245SJX Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS5245SJX Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS5245SJX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
ALS Noise Characteristics
The setup of a noise characteristics measurement is critical
to the accuracy and repeatability of the tests. The following
is a brief description of the setup used to measure the
noise characteristics of ALS.
Equipment:
Word Generator
Printed Circuit Board Test Fixture
Dual Trace Oscilloscope
Procedure:
1. Verify Test Fixture Loading: Standard Load 50 pF,
500
Ω.
2. Deskew the word generator so that no two channels
have greater than 150 ps skew between them. This
requires that the oscilloscope be deskewed first. Swap
out the channels that have more than 150 ps of skew
until all channels being used are within 150 ps. It is
important to deskew the word generator channels
before testing. This will ensure that the outputs switch
simultaneously.
3. Terminate all inputs and outputs to ensure proper load-
ing of the outputs and that the input levels are at the
correct voltage.
4. Set VCC to 5.0V.
5. Set the word generator to toggle all but one output at a
frequency of 1 MHz. Greater frequencies will increase
DUT heating and affect the results of the measure-
ment.
6. Set the word generator input levels at 0V LOW and 3V
HIGH. Verify levels with a digital volt meter.
FIGURE 1. Quiet Output Noise Voltage Waveforms
Note 5: VOHV and VOHP are measured with respect to VOH reference. VOLV
and VOLP are measured with respect to ground reference.
Note 6: Input pulses have the following characteristics: f
= 1 MHz, t
r = 3ns,
tf = 3 ns, skew < 150 ps.
VOLP/VOLV and VOHP/VOHV:
• Determine the quiet output pin that demonstrates the
greatest noise levels. The worst case pin will usually be
the furthest from the ground pin. Monitor the output volt-
ages using a 50
Ω coaxial cable plugged into a standard
SMB type connector on the test fixture. Do not use an
active FET probe.
• Measure VOLP and VOLV on the quiet output during the
HL transition. Measure VOHP and VOHV on the quiet out-
put during the LH transition.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
VILD and VIHD:
• Monitor one of the switching outputs using a 50
Ω coaxial
cable plugged into a standard SMB type connector on
the test fixture. Do not use an active FET probe.
• First increase the input LOW voltage level, VIL, until the
output begins to oscillate. Oscillation is defined as noise
on the output LOW level that exceeds VIL limits, or on
output HIGH levels that exceed VIH limits. The input
LOW voltage level at which oscillation occurs is defined
as VILD.
• Next decrease the input HIGH voltage level on the word
generator, VIH until the output begins to oscillate. Oscil-
lation is defined as noise on the output LOW level that
exceeds VIL limits, or on output HIGH levels that exceed
VIH limits. The input HIGH voltage level at which oscilla-
tion occurs is defined as VIHD.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
FIGURE 2. Simultaneous Switching Test Circuit


Số phần tương tự - DM74ALS5245SJX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
   8-Bit Comparator
DM74ALS520N FAIRCHILD-DM74ALS520N Datasheet
51Kb / 5P
   8-Bit Comparator
DM74ALS520WM FAIRCHILD-DM74ALS520WM Datasheet
51Kb / 5P
   8-Bit Comparator
DM74ALS521 FAIRCHILD-DM74ALS521 Datasheet
51Kb / 5P
   8-Bit Comparator
DM74ALS521WM FAIRCHILD-DM74ALS521WM Datasheet
51Kb / 5P
   8-Bit Comparator
More results

Mô tả tương tự - DM74ALS5245SJX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
   Octal transceiver (3-State)
November 15, 1994
logo
NXP Semiconductors
74F245 PHILIPS-74F245 Datasheet
91Kb / 10P
   Octal transceiver 3-State
1994 Nov 15
logo
ON Semiconductor
MM74HCT245 ONSEMI-MM74HCT245 Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
NXP Semiconductors
74ALS245A PHILIPS-74ALS245A Datasheet
116Kb / 10P
   Octal transceiver 3-State
1991 Jun 03
logo
Fairchild Semiconductor
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
107Kb / 8P
   Octal 3-STATE Transceiver
MM74HC245A FAIRCHILD-MM74HC245A Datasheet
94Kb / 8P
   Octal 3-STATE Transceiver
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
103Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F1245 PHILIPS-74F1245 Datasheet
86Kb / 10P
   Octal transceiver 3-State
1995 Mar 01
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com