công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34119P bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC34119P
Giải thích chi tiết về linh kiện  Low Power Audio Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34119P bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34119P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC34119
4
MOTOROLA ANALOG IC DEVICE DATA
DESIGN GUIDELINES
General
The MC34119 is a low power audio amplifier capable of
low voltage operation (VCC = 2.0 V minimum) such as that
encountered in line–powered speakerphones. The circuit
provides a differential output (VO1–VO2) to the speaker to
maximize the available voltage swing at low voltages. The
differential gain is set by two external resistors. Pins FC1 and
FC2 allow controlling the amount of power supply and noise
rejection, as well as providing alternate inputs to the
amplifiers. The CD pin permits powering down the IC for
muting purposes and to conserve power.
Amplifiers
Referring to the block diagram, the internal configuration
consists of two identical operational amplifiers. Amplifier #1
has an open loop gain of
≥80 dB (at f ≤ 100 Hz), and the
closed loop gain is set by external resistor Rf and Ri. The
amplifier is unity gain stable, and has a unity gain frequency
of approximately 1.5 MHz. In order to adequately cover the
telephone voice band (300 Hz to 3400 Hz), a maximum
closed loop gain of 46 is recommended. Amplifier #2 is
internally set to a gain of – 1.0 (0 dB).
The outputs of both amplifiers are capable of sourcing and
sinking a peak current of 200 mA. The outputs can typically
swing to within
≈0.4 V above ground, and to within ≈1.3 V
below VCC, at the maximum current. See Figures 18 and 19
for VOH and VOL curves.
The output dc offset voltage (VO1–VO2) is primarily a
function of the feedback resistor (Rf), and secondarily due to
the amplifiers’ input offset voltages. The input offset voltage
of the two amplifiers will generally be similar for a particular
IC, and therefore nearly cancel each other at the outputs.
Amplifier #1’s bias current, however, flows out of Vin (Pin 4)
and through Rf, forcing VO1 to shift negative by an amount
equal to [Rf × IIB]. VO2 is shifted positive an equal amount.
The output offset voltage, specified in the Electrical
Characteristics, is measured with the feedback resistor
shown in the Typical Application Circuit, and therefore takes
into account the bias current as well as internal offset
voltages of the amplifiers. The bias current is constant with
respect to VCC.
FC1 and FC2
Power supply rejection is provided by the capacitors (C1
and C2 in the Typical Application Circuit) at FC1 and FC2. C2
is somewhat dominant at low frequencies, while C1 is
dominant at high frequencies, as shown in the graphs of
Figures 4 to 7. The required values of C1 and C2 depend on
the conditions of each application. A line powered
speakerphone, for example, will require more filtering than a
circuit powered by a well regulated power supply. The
amount of rejection is a function of the capacitors, and the
equivalent impedance looking into FC1 and FC2 (listed in the
Electrical Characteristics as RFC1 and RFC2).
In addition to providing filtering, C1 and C2 also affect the
turn–on time of the circuit at power–up, since the two
capacitors must charge up through the internal 50 k and
125 k
Ω resistors. The graph of Figure 1 indicates the
turn–on time upon application of VCC of +6.0 V. The turn–on
time is
≈60% longer for VCC = 3.0 V, and ≈20% less for
VCC = 9.0 V. Turn–off time is <10 µs upon removal of VCC.
C2, CAPACITANCE (
µF)
Figure 1. Turn–On Time versus C1, C2 at Power–On
360
300
240
180
120
60
0
0
2.0
4.0
6.0
8.0
10
C1 = 5.0
µF
C1 = 1.0
µF
VCC switching from
0 V to 6.0 V
Chip Disable
The Chip Disable (Pin 1) can be used to power down the
IC to conserve power, or for muting, or both. When at a Logic
“0” (0 V to 0.8 V), the MC34119 is enabled for normal
operation. When Pin 1 is at a Logic “1” (2.0 V to VCC V), the
IC is disabled. If Pin 1 is open, that is equivalent to a Logic
“0,” although good design practice dictates that an input
should never be left open. Input impedance at Pin 1 is a
nominal 90 k
Ω. The power supply current (when disabled) is
shown in Figure 15.
Muting, defined as the change in differential gain from
normal operation to muted operation, is in excess of 70 dB.
The turn–off time of the audio output, from the application of
the CD signal, is <2.0
µs, and turn on–time is 12 ms–15 ms.
Both times are independent of C1, C2, and VCC.
When the MC34119 is disabled, the voltages at FC1 and
FC2 do not change as they are powered from VCC. The
outputs, VO1 and VO2, change to a high impedance condition,
removing the signal from the speaker. If signals from other
sources are to be applied to the outputs (while disabled), they
must be within the range of VCC and Ground.
Power Dissipation
Figures 8 to 10 indicate the device dissipation (within the
IC) for various combinations of VCC, RL, and load power. The
maximum power which can safely be dissipated within the
MC34119 is found from the following equation:
PD = (140°C – TA)/θJA
where TA is the ambient temperature; and θJA is the package
thermal resistance (100
°C/W for the standard DIP package,
and 180
°C/W for the surface mount package.)
The power dissipated within the MC34119, in a given
application, is found from the following equation:
PD = (VCC x ICC) + (IRMS x VCC) – (RL x IRMS2)
where ICC is obtained from Figure 15; and IRMS is the RMS
current at the load; and RL is the load resistance.
Figures 8 to 10, along with Figures 11 to 13 (distortion
curves), and a peak working load current of
±200 mA, define
the operating range for the MC34119. The operating range is
further defined in terms of allowable load power in Figure 14
for loads of 8.0
Ω, 16 Ω and 32 Ω. The left (ascending) portion


Số phần tương tự - MC34119P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ARTSCHIP ELECTRONICS CO...
MC34119P ARTSCHIP-MC34119P Datasheet
406Kb / 11P
   Low Power Audio Amplifier
More results

Mô tả tương tự - MC34119P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com