công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34119P bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC34119P
Giải thích chi tiết về linh kiện  Low Power Audio Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34119P bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34119P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34119P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC34119
3
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Symbol
Pin
Description
CD
1
Chip Disable – Digital input. A Logic “0” (<0.8 V) sets normal operation. A logic “1” (
≥2.0 V) sets the power down
mode. Input impedance is nominally 90 k
Ω .
FC2
2
A capacitor at this pin increases power supply rejection, and affects turn–on time. This pin can be left open if the
capacitor at FC1 is sufficient.
FC1
3
Analog ground for the amplifiers. A 1.0
µF capacitor at this pin (with a 5.0 µF capacitor at Pin 2) provides
(typically) 52 dB of power supply rejection. Turn–on time of the circuit is affected by the capacitor on this pin. This
pin can be used as an alternate input.
Vin
4
Amplifier input. The input capacitor and resistor set low frequency rolloff and input impedance. The feedback
resistor is connected to this pin and VO1.
VO1
5
Amplifier Output #1. The dc level is
≈ (VCC – 0.7 V)/2.
VCC
6
DC supply voltage (+2.0 V to +16 V) is applied to this pin.
GND
7
Ground pin for the entire circuit.
VO2
8
Amplifier Output #2. This signal is equal in amplitude, but 180
° out–of–phase with that at VO1.
The dc level is
≈ (VCC – 0.7 V)/2.
TYPICAL TEMPERATURE PERFORMANCE (–20
° C < TA < +70°C)
Function
Typical Change
Units
Input Bias Current (@ Vin)
±40
pA/
°C
Total Harmonic Distortion
+0.003
%/
°C
(VCC = 6.0 V, RL = 32 Ω. Pout = 125 mW, f = 1.0 kHz)
Power Supply Current
µA/°C
(VCC = 3.0 V, RL = ∞, CD = 0 V)
–2.5
(VCC = 3.0 V, RL = ∞, CD = 2.0 V)
–0.03


Số phần tương tự - MC34119P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ARTSCHIP ELECTRONICS CO...
MC34119P ARTSCHIP-MC34119P Datasheet
406Kb / 11P
   Low Power Audio Amplifier
More results

Mô tả tương tự - MC34119P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com