công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADW71205WSTZ bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADW71205WSTZ
Giải thích chi tiết về linh kiện  12-Bit RDC with Reference Oscillator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADW71205WSTZ bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADW71205WSTZ Datasheet HTML 3Page - Analog Devices ADW71205WSTZ Datasheet HTML 4Page - Analog Devices ADW71205WSTZ Datasheet HTML 5Page - Analog Devices ADW71205WSTZ Datasheet HTML 6Page - Analog Devices ADW71205WSTZ Datasheet HTML 7Page - Analog Devices ADW71205WSTZ Datasheet HTML 8Page - Analog Devices ADW71205WSTZ Datasheet HTML 9Page - Analog Devices ADW71205WSTZ Datasheet HTML 10Page - Analog Devices ADW71205WSTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD2S1205
Rev. A | Page 7 of 20
Pin No.
Mnemonic
Description
26
B
Incremental Encoder Emulation Output B. Logic output. This output is free running and is valid if the resolver format
input signals applied to the converter are valid.
27
NM
North Marker Incremental Encoder Emulation Output. Logic output. This output is free running and is valid if the
resolver format input signals applied to the converter are valid.
28
DIR
Direction. Logic output. This output is used in conjunction with the incremental encoder emulation outputs. The
DIR output indicates the direction of the input rotation and is high for increasing angular rotation.
29
DOS
Degradation of Signal. Logic output. Degradation of signal (DOS) is detected when either resolver input (Sin or Cos)
exceeds the specified DOS Sin/Cos threshold. See the Signal Degradation Detection section. DOS is indicated by a
logic low on the DOS pin and is not latched when the input signals exceed the maximum input level.
30
LOT
Loss of Tracking. Logic output. LOT is indicated by a logic low on the LOT pin and is not latched. See the Loss of
Signal Detection section.
31
FS1
Frequency Select 1. Logic input. FSI in conjunction with FS2 allows the frequency of EXC/EXC to be programmed.
32
FS2
Frequency Select 2. Logic input. FS2 in conjunction with FS1 allows the frequency of EXC/EXC to be programmed.
33
RESET
Reset. Logic input. The AD2S1205 requires an external reset signal to hold the RESET input low until VDD is within
the specified operating range of 4.5 V to 5.5 V. See the
section.
Supply Sequencing and Reset
34
EXC
Excitiation Frequency. Analog output. An on-board oscillator provides the sinusoidal excitation signal (EXC) and its
complement signal (EXC) to the resolver. The frequency of this reference signal is programmable via the FS1 and FS2 pins.
35
EXC
Excitation Frequency Complement. Analog output. An on-board oscillator provides the sinusoidal excitation signal
(EXC) and its complement signal (EXC) to the resolver. The frequency of this reference signal is programmable via
the FS1 and FS2 pins.
36, 42
AGND
Analog Ground. These pins are ground reference points for analog circuitry on the AD2S1205. All analog input
signals and any external reference signal should be referred to this AGND voltage. Both of these pins should be
connected to the AGND plane of a system. The AGND and DGND voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
37
Sin
Positive Analog Input of Differential Sin/SinLO Pair. The input range is 2.3 V p-p to 4.0 V p-p.
38
SinLO
Negative Analog Input of Differential Sin/SinLO Pair. The input range is 2.3 V p-p to 4.0 V p-p.
39
AVDD
Analog Supply Voltage, 4.75 V to 5.25 V. This pin is the supply voltage for all analog circuitry on the AD2S1205. The
AVDD and DVDD voltages ideally should be at the same potential and must not be more than 0.3 V apart, even on a
transient basis.
40
CosLO
Negative Analog Input of Differential Cos/CosLO Pair.
41
Cos
Positive Analog Input of Differential Cos/CosLO Pair.
43
REFBYP
Reference Bypass. Reference decoupling capacitors should be connected here. Typical recommended values are
10 μF and 0.01 μF.
44
REFOUT
Voltage Reference Output, 2.39 V to 2.52 V.


Số phần tương tự - ADW71205WSTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ-RL AD-ADW71205WSTZ-RL Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205WSTZ-RL AD-ADW71205WSTZ-RL Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

Mô tả tương tự - ADW71205WSTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX178 MAXIM-MAX178 Datasheet
380Kb / 11P
   Calibrated 12-Bit ADC with T/H and Reference
logo
Linear Technology
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com