công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74ALS30AM bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện DM74ALS30AM
Giải thích chi tiết về linh kiện  8-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS30AM bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS30AM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS30AM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS30AM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS30AM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS30AM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
86.5
°C/W
M Package
116.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
IOH = −0.4 mA
VCC − 2V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level Output Voltage
VCC = 4.5V
IOL = 8 mA
0.35
0.5
V
II
Input Current at Max
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V
VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
0.22
0.36
mA
Outputs LOW
0.54
0.90
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
310
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
312
ns
HIGH-to-LOW Level Output


Số phần tương tự - DM74ALS30AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS32 FAIRCHILD-DM74ALS32 Datasheet
60Kb / 5P
   Quad 2-Input OR Gate
DM74ALS32M FAIRCHILD-DM74ALS32M Datasheet
60Kb / 5P
   Quad 2-Input OR Gate
DM74ALS32N FAIRCHILD-DM74ALS32N Datasheet
60Kb / 5P
   Quad 2-Input OR Gate
DM74ALS32SJ FAIRCHILD-DM74ALS32SJ Datasheet
60Kb / 5P
   Quad 2-Input OR Gate
DM74ALS373 FAIRCHILD-DM74ALS373 Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
More results

Mô tả tương tự - DM74ALS30AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com