công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74ALS257 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện DM74ALS257
Giải thích chi tiết về linh kiện  3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS257 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS257 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS257 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS257 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS257 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS257 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS257 Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS257 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006227
www.fairchildsemi.com
April 1984
Revised February 2000
DM74ALS257 • DM74ALS258
3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
General Description
These data selectors/multiplexers contain inverters and
drivers to supply full on-chip data selection to the four 3-
STATE outputs that can interface directly with data lines of
bus-organized systems. A 4-bit word selected from one of
two
sources
is
routed
to
the
four
outputs.
The
DM74ALS257
presents
true
data
whereas
the
DM74ALS258 presents inverted data to minimize propaga-
tion delay time.
This 3-STATE output feature means that n-bit (paralleled)
data selectors with up to 258 sources can be implemented
for data buses. It also permits the use of standard TTL reg-
isters for data retention throughout the system.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin for pin compatible with Schottky
and low power Schottky TTL counterpart
s Improved AC performance over Schottky and low power
Schottky counterparts
s 3-STATE buffer-type outputs drive bus lines directly
s Expand any data input point
s Multiplex dual data buses
s General four functions of two variables (one variable is
common)
s Source programmable counters
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level
L
= LOW Level
X
= Don't Care
Z
= High Impedance (OFF)
Order Number
Package Number
Package Description
DM74ALS257M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS257SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS257N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74ALS258M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS258N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Output Y
Output
Select
A
B
DM74ALS257 DM74ALS258
Control
HX
X
X
Z
Z
LL
L
X
L
H
LL
H
X
H
L
LH
X
L
L
H
LH
X
H
H
L


Số phần tương tự - DM74ALS257

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251M FAIRCHILD-DM74ALS251M Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251SJ FAIRCHILD-DM74ALS251SJ Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
More results

Mô tả tương tự - DM74ALS257

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74AS257 FAIRCHILD-DM74AS257 Datasheet
60Kb / 6P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
DM74AS257 FAIRCHILD-DM74AS257_07 Datasheet
291Kb / 8P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74LS251 FAIRCHILD-DM74LS251 Datasheet
58Kb / 6P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
logo
NXP Semiconductors
74F723A PHILIPS-74F723A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com