công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74ALS162BM bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện DM74ALS162BM
Giải thích chi tiết về linh kiện  Synchronous Four-Bit Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS162BM bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

  DM74ALS162BM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS162BM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS162BM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS162BM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS162BM Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS162BM Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS162BM Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS162BM Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS162BM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: The symbol (
↑) indicates that the rising edge of the clock is used as a reference.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θJA
N Package
78.1
°C/W
M Package
106.8
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency
0
40
MHz
tSETUP
Setup Time
Data; A, B, C, D
15
↑ (Note 2)
ns
En P, En T
DM74ALS161B
15
↑ (Note 2)
ns
DM74ALS162B
15
↑ (Note 2)
ns
DM74ALS163B
Load
15
↑ (Note 2)
ns
Clear (Only for
DM74ALS162B and
DM74ALS163B)
LOW
15
↑ (Note 2)
ns
HIGH
12
↑ (Note 2)
ns
Setup 1 (Only for 161B)
Clear Inactive
10
4
ns
tHOLD
Hold Time
Data; A, B, C, D
0
↑ (Note 2)
−3ns
En P, En T
0
↑ (Note 2)
−3ns
Load
0
↑ (Note 2)
−4ns
Clear (Only for DM74ALS162B and
DM74ALS163B
0
↑ (Note 2)
−7ns
Hold 0 (Only for 161B)
Clear
0
−4ns
tW
Width of Clock
CLK HIGH or LOW
12.5
ns
or Clear Pulse
DM74ALS161B CLR LOW
15
ns
Width of Load Pulse
15
ns
TA
Operating Free Air Temperature
0
70
°C


Số phần tương tự - DM74ALS162BM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS165 FAIRCHILD-DM74ALS165 Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165M FAIRCHILD-DM74ALS165M Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165MX FAIRCHILD-DM74ALS165MX Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165N FAIRCHILD-DM74ALS165N Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165NX FAIRCHILD-DM74ALS165NX Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
More results

Mô tả tương tự - DM74ALS162BM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
logo
LSI Computer Systems
LS7566 LSI-LS7566 Datasheet
87Kb / 13P
   24-BIT FOUR-AXES QUADRATURE COUNTER
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
logo
STMicroelectronics
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
logo
Texas Instruments
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
logo
STMicroelectronics
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com