công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2310N bảng dữ liệu(PDF) 2 Page - Analog Power

tên linh kiện AM2310N
Giải thích chi tiết về linh kiện  N-Channel Logic Level MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGPOWER [Analog Power]
Trang chủ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2310N bảng dữ liệu(HTML) 2 Page - Analog Power

  AM2310N Datasheet HTML 1Page - Analog Power AM2310N Datasheet HTML 2Page - Analog Power AM2310N Datasheet HTML 3Page - Analog Power AM2310N Datasheet HTML 4Page - Analog Power AM2310N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AM2310N
Analog Power
July, 2002 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2310_B
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ Max
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 uA
30
VDS = 24 V, VGS = 0 V
1
VDS = 24 V, VGS = 0 V, TJ = 55
oC
10
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±8 V
±100
nA
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
0.43
0.7
1.0
V
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 4.5 V
10
A
VGS = 4.5 V, ID = 2.2 A
54
65
VGS = 4.5 V, ID = 2.2 A TJ = 55
oC80
99
VGS = 2.5 V, ID = 2.0 A
70
82
Forward Tranconductance
A
gfs
VDS = 5 V, ID = 2.2 A
13
S
Diode Forward Voltage
VSD
IS = 0.45 A, VGS = 0 V
0.65
1.2
V
Total Gate Charge
Qg
7.0
9.0
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
1.9
Turn-On Delay Time
td(on)
411
Rise Time
tr
11
19
Turn-Off Delay Time
td(off)
18
30
Fall-Time
tf
510
nC
VDS = 10 V, ID = 1 A, RG = 6 Ω,
VGEN = 4.5 V
Switch On Characteristics
Unit
Switching
Drain-Source On-Resistance
A
rDS(on)
mΩ
ns
Dynamic
b
VDS = 10 V, VGS = 4.5 V,
ID = 2.2 A
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Switch Off Characteristics
Test Conditions
Zero Gate Voltage Drain Current
IDSS
µA
Symbol
Parameter
Limits


Số phần tương tự - AM2310N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
AM2310 AITSEMI-AM2310 Datasheet
434Kb / 6P
   MOSFET N-CHANNEL ENHANCEMENT MODE
REV1.0
AM2310E3SR AITSEMI-AM2310E3SR Datasheet
434Kb / 6P
   MOSFET N-CHANNEL ENHANCEMENT MODE
REV1.0
AM2310E3SVR AITSEMI-AM2310E3SVR Datasheet
434Kb / 6P
   MOSFET N-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Mô tả tương tự - AM2310N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Power
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
   N-Channel Logic Level MOSFET
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Microsemi Corporation
2N6901 MICROSEMI-2N6901 Datasheet
154Kb / 3P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Analog Power
AM3402N ANALOGPOWER-AM3402N Datasheet
245Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
logo
Analog Power
AM3438NE ANALOGPOWER-AM3438NE Datasheet
256Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N_15 Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA5S6EA NIKOSEM-PA5S6EA Datasheet
346Kb / 4P
   N-Channel Logic Level MOSFET
REV 1.0
logo
Fairchild Semiconductor
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com