công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8005ARZ bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD8005ARZ
Giải thích chi tiết về linh kiện  270 MHz, 400 關A Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8005ARZ bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD8005ARZ Datasheet HTML 4Page - Analog Devices AD8005ARZ Datasheet HTML 5Page - Analog Devices AD8005ARZ Datasheet HTML 6Page - Analog Devices AD8005ARZ Datasheet HTML 7Page - Analog Devices AD8005ARZ Datasheet HTML 8Page - Analog Devices AD8005ARZ Datasheet HTML 9Page - Analog Devices AD8005ARZ Datasheet HTML 10Page - Analog Devices AD8005ARZ Datasheet HTML 11Page - Analog Devices AD8005ARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8005
–10–
REV. A
Single-Ended-to-Differential Conversion
Many single supply ADCs have differential inputs. In such cases,
the ideal common-mode operating point is usually halfway
between supply and ground. Figure 31 shows how to convert a
single-ended bipolar signal into a differential signal with a
common-mode level of 2.5 V.
0.1 F
0.1 F
+5V
RIN
1k
AD8005
2.49k
BIPOLAR
SIGNAL
0.5V
0.1 F
+5V
2.49k
2.49k
+5V
AD8005
0.1 F
2.49k
+5V
VOUT
RF1
2.49k
RF2
3.09k
RG
619
Figure 31. Single-Ended-to-Differential Converter
Amp 1 has its +input driven with the ac-coupled input signal
while the +input of Amp 2 is connected to a bias level of +2.5 V.
Thus the –input of Amp 2 is driven to virtual +2.5 V by its
output. Therefore, Amp 1 is configured for a noninverting gain
of five, (1 + RF1/RG), because RG is connected to the virtual
+2.5 V of Amp 2’s –input.
When the +input of Amp 1 is driven with a signal, the same
signal appears at the –input of Amp 1. This signal serves as an
input to Amp 2 configured for a gain of –5, (–RF2/RG). Thus the
two outputs move in opposite directions with the same gain and
create a balanced differential signal.
This circuit can be simplified to create a bipolar in/bipolar out
single-ended to differential converter. Obviously, a single supply
is no longer adequate and the –VS pins must now be powered
with –5 V. The +input to Amp 2 is tied to ground. The ac
coupling on the +input of Amp 1 is removed and the signal can
be fed directly into Amp 1.
Layout Considerations
In order to achieve the specified high-speed performance of the
AD8005 you must be attentive to board layout and component
selection. Proper RF design techniques and selection of compo-
nents with low parasitics are necessary.
The PCB should have a ground plane that covers all unused
portions of the component side of the board. This will provide a
low impedance path for signals flowing to ground. The ground
plane should be removed from the area under and around the
chip (leave about 2 mm between the pin contacts and the
ground plane). This helps to reduce stray capacitance. If both
signal tracks and the ground plane are on the same side of the
PCB, also leave a 2 mm gap between ground plane and track.
C1
0.01 F
C2
0.01 F
C4
10 F
C3
10 F
RT
INVERTING CONFIGURATION
VIN
VOUT
+VS
–VS
RG
RF
RO
C1
0.01 F
C2
0.01 F
C4
10 F
C3
10 F
RT
NONINVERTING CONFIGURATION
VIN
VOUT
+VS
–VS
RG
RF
RO
Figure 32. Inverting and Noninverting Configurations
Chip capacitors have low parasitic resistance and inductance
and are suitable for supply bypassing (see Figure 32). Make sure
that one end of the capacitor is within 1/8 inch of each power
pin with the other end connected to the ground plane. An
additional large (0.47
µF–10 µF) tantalum electrolytic capacitor
should also be connected in parallel. This capacitor supplies
current for fast, large signal changes at the output. It must not
necessarily be as close to the power pin as the smaller capacitor.
Locate the feedback resistor close to the inverting input pin in
order to keep the stray capacitance at this node to a minimum.
Capacitance variations of less than 1.5 pF at the inverting input
will significantly affect high-speed performance.
Use stripline design techniques for long signal traces (i.e., greater
than about 1 inch). Striplines should have a characteristic
impedance of either 50
Ω or 75 Ω. For the Stripline to be
effective, correct termination at both ends of the line is necessary.
Table I. Typical Bandwidth vs. Gain Setting Resistors
Small Signal –3 dB
BW (MHz),
Gain
RF
RG
RT
VS =
5 V
–1
1.49 k
1.49 k
52.3
120 MHz
–10
1 k
100
100
60 MHz
+1
2.49 k
49.9
270 MHz
+2
2.49 k
2.49 k
49.9
170 MHz
+10
499
56.2
49.9
40 MHz


Số phần tương tự - AD8005ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8005AR AD-AD8005AR Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AR AD-AD8005AR Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL7 AD-AD8005AR-REEL7 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
More results

Mô tả tương tự - AD8005ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com