công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74ALS1000A bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện DM74ALS1000A
Giải thích chi tiết về linh kiện  Quadruple 2-Input NAND Buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS1000A bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS1000A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS1000A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS1000A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS1000A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
83.0
°C/W
M Package
114.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V
IOH = Max
2.4
3.2
V
Output Voltage
VIL = VIL Max
VCC = 4.5V to 5.5V
IOH = −400 µAVCC − 2V
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
VIH = 2V
IOL = 24 mA
0.35
0.5
V
II
Input Current at Maximum Input Voltage VCC = 5.5V, VIH = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICCH
Supply Current with Outputs HIGH
VCC = 5.5V, VI = 0V
0.86
1.6
mA
ICCL
Supply Current with Outputs LOW
VCC = 5.5V, VI = 4.5V
4.8
7.8
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
28
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
27
ns
HIGH-to-LOW Level Output


Số phần tương tự - DM74ALS1000A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS1004 FAIRCHILD-DM74ALS1004 Datasheet
46Kb / 4P
   Hex Inverting Driver
DM74ALS1004M FAIRCHILD-DM74ALS1004M Datasheet
46Kb / 4P
   Hex Inverting Driver
DM74ALS1004N FAIRCHILD-DM74ALS1004N Datasheet
46Kb / 4P
   Hex Inverting Driver
DM74ALS1005 FAIRCHILD-DM74ALS1005 Datasheet
48Kb / 4P
   Hex Inverting Driver with Open Collector Outputs
DM74ALS1005M FAIRCHILD-DM74ALS1005M Datasheet
48Kb / 4P
   Hex Inverting Driver with Open Collector Outputs
More results

Mô tả tương tự - DM74ALS1000A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS38A FAIRCHILD-DM74ALS38A Datasheet
48Kb / 4P
   Quadruple 2-Input NAND Buffer with Open-Collector Outputs
logo
Hitachi Semiconductor
HD14011B HITACHI-HD14011B Datasheet
61Kb / 6P
   Quadruple 2-input NAND Gate
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Unisonic Technologies
U74LV00 UTC-U74LV00 Datasheet
196Kb / 5P
   QUADRUPLE 2-INPUT NAND GATE
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Fairchild Semiconductor
DM74AS1000A FAIRCHILD-DM74AS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
logo
NXP Semiconductors
HEF4011UB PHILIPS-HEF4011UB Datasheet
134Kb / 8P
   Quadruple 2-input NAND gate
January 1995
logo
Unisonic Technologies
U74HCT00 UTC-U74HCT00 Datasheet
118Kb / 4P
   QUADRUPLE 2-INPUT NAND GATE
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com