công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7894BRZ-10 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD7894BRZ-10
Giải thích chi tiết về linh kiện  5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7894BRZ-10 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD7894BRZ-10 Datasheet HTML 1Page - Analog Devices AD7894BRZ-10 Datasheet HTML 2Page - Analog Devices AD7894BRZ-10 Datasheet HTML 3Page - Analog Devices AD7894BRZ-10 Datasheet HTML 4Page - Analog Devices AD7894BRZ-10 Datasheet HTML 5Page - Analog Devices AD7894BRZ-10 Datasheet HTML 6Page - Analog Devices AD7894BRZ-10 Datasheet HTML 7Page - Analog Devices AD7894BRZ-10 Datasheet HTML 8Page - Analog Devices AD7894BRZ-10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7894
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
5 V, 14-Bit Serial, 5 s
ADC in SO-8 Package
FUNCTIONAL BLOCK DIAGRAM
SIGNAL
SCALING*
TRACK/
HOLD
14-BIT
ADC
AD7894
OUTPUT
REGISTER
REF IN
VDD
VIN
CONVST
GND
BUSY
SCLK
SDATA
*AD7894-10, AD7894-3
FEATURES
Fast 14-Bit ADC with 5
s Conversion Time
8-Lead SOIC Package
Single 5 V Supply Operation
High Speed, Easy-to-Use, Serial Interface
On-Chip Track/Hold Amplifier
Selection of Input Ranges
10 V for AD7894-10
2.5 V for AD7894-3
0 V to +2.5 V for AD7894-2
High Input Impedance
Low Power: 20 mW Typ
Pin Compatible Upgrade of 12-Bit AD7895
GENERAL DESCRIPTION
The AD7894 is a fast, 14-bit ADC that operates from a single
+5 V supply and is housed in a small 8-lead SOIC. The part
contains a 5
µs successive approximation A/D converter, an on-
chip track/hold amplifier, an on-chip clock and a high speed
serial interface.
Output data from the AD7894 is provided via a high speed,
serial interface port. This two-wire serial interface has a serial
clock input and a serial data output with the external serial clock
accessing the serial data from the part.
In addition to the traditional dc accuracy specifications such as
linearity, full-scale and offset errors, the AD7894 is also speci-
fied for dynamic performance parameters including harmonic
distortion and signal-to-noise ratio.
The part accepts an analog input range of
±10 V (AD7894-10),
±2.5 V (AD7894-3), 0 V to +2.5 V (AD7894-2), and operates
from a single +5 V supply consuming only 20 mW typical.
The AD7894 features a high sampling rate mode and, for low
power applications, a proprietary automatic power-down mode
where the part automatically goes into power-down once conver-
sion is complete and “wakes up” before the next conversion
cycle.
The part is available in a small outline IC (SOIC).
PRODUCT HIGHLIGHTS
1. Fast, 14-Bit ADC in 8-Lead Package
The AD7894 contains a 5
µs ADC, a track/hold amplifier,
control logic and a high speed serial interface, all in an 8-lead
package. This offers considerable space saving over alterna-
tive solutions.
2. Low Power, Single Supply Operation
The AD7894 operates from a single +5 V supply and con-
sumes only 20 mW. The automatic power-down mode,
where the part goes into power-down once conversion is
complete and “wakes up” before the next conversion cycle,
makes the AD7894 ideal for battery powered or portable
applications.
3. High Speed Serial Interface
The part provides high speed serial data and serial clock lines
allowing for an easy, two-wire serial interface arrangement.


Số phần tương tự - AD7894BRZ-10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
More results

Mô tả tương tự - AD7894BRZ-10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7894ARZ-3 AD-AD7894ARZ-3 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894ARZ-2 AD-AD7894ARZ-2 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894 Datasheet
131Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894_17 Datasheet
167Kb / 13P
   5 V, 14-Bit Serial, ADC in SO-8 Package
AD7894 AD-AD7894_15 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5s ADC in SO-8 Package
REV. 0
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com