công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7835ASZ-REEL bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD7835ASZ-REEL
Giải thích chi tiết về linh kiện  LC2MOS Quad 14-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7835ASZ-REEL bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD7835ASZ-REEL Datasheet HTML 3Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 4Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 5Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 6Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 7Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 8Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 9Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 10Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7834/AD7835
Rev. D | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted. Transient currents of up to 100 mA do not cause SCR latch-up. VCC must not exceed VDD by more than
0.3 V. If it is possible for this to happen during power supply sequencing, the diode protection scheme shown in Figure 5 can be used to
provide protection.
Table 5.
AD7834/
AD7835
VDD
VCC
IN4148
SD103C
VDD
VCC
Parameter
Rating
VCC to DGND
−0.3 V to +7 V, or VDD + 0.3 V
(whichever is lower)
VDD to AGND
−0.3 V to +17 V
VSS to AGND
+0.3 V to –17 V
Figure 5. Diode Protection
AGND to DGND
−0.3 V to +0.3 V
−0.3 V to VCC + 0.3 V
Digital Inputs to DGND
THERMAL RESISTANCE
VREF(+) to VREF(–)
−0.3 V to +18 V
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
VREF(+) to AGND
VSS – 0.3 V to VDD + 0.3 V
VREF(–) to AGND
VSS – 0.3 V to VDD + 0.3 V
VSS – 0.3 V to VDD + 0.3 V
DSG to AGND
Table 6. Thermal Resistance
VOUT (1–4) to AGND
VSS – 0.3 V to VDD + 0.3 V
Package Type
θJA
Unit
Operating Temperature Range, TA
PDIP
75
°C/W
−40°C to +85°C
Industrial (A Version)
SOIC
75
°C/W
−65°C to +150°C
Storage Temperature Range
MQFP
95
°C/W
150°C
Junction Temperature, TJ (max)
PLCC
55
°C/W
Power Dissipation, PD (max)
(TJ − TA)/θJA
Lead Temperature
JEDEC Industry Standard
ESD CAUTION
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Số phần tương tự - AD7835ASZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7835AS AD-AD7835AS Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results

Mô tả tương tự - AD7835ASZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com