công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7445 bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện 7445
Giải thích chi tiết về linh kiện  BCD to Decimal Decoders/Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

7445 bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  7445 Datasheet HTML 1Page - Fairchild Semiconductor 7445 Datasheet HTML 2Page - Fairchild Semiconductor 7445 Datasheet HTML 3Page - Fairchild Semiconductor 7445 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: ICC is measured with all inputs grounded and all outputs OPEN.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Output Voltage
30V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
30
V
IOL
LOW Level Output Current
20
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
ICEX
HIGH Level
VCC = Min, VO = 30V
250
µA
Output Current
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.2
0.4
Output Voltage
VIH = Min, VIL = Max
V
IOL = 80 mA
0.5
0.9
VCC = Min
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
40
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−1.6
mA
ICC
Supply Current
VCC = Max (Note 3)
43
70
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL = 15 pF
49.5
ns
LOW-to-HIGH Level Output
RL = 100Ω
tPHL
Propagation Delay Time
49.5
ns
HIGH-to-LOW Level Output


Số phần tương tự - 7445

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7445101 WURTH-7445101 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
7445101 WURTH-7445101 Datasheet
1Mb / 6P
   WE-PD3 SMD Shielded Power Inductor
74451015 WURTH-74451015 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
7445101 WURTH-7445101_15 Datasheet
1Mb / 6P
   WE-PD3 SMD Shielded Power Inductor
74451022 WURTH-74451022 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
More results

Mô tả tương tự - 7445

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN5445 TI1-SN5445_14 Datasheet
314Kb / 8P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
Fairchild Semiconductor
DM74145 FAIRCHILD-DM74145 Datasheet
40Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN74LS445 TI-SN74LS445 Datasheet
126Kb / 3P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DN74LS445S ETC1-DN74LS445S Datasheet
283Kb / 3P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN54145 TI-SN54145_07 Datasheet
930Kb / 23P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
National Semiconductor ...
DM54145 NSC-DM54145 Datasheet
124Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN5445 TI-SN5445 Datasheet
153Kb / 4P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
SN54145 TI-SN54145 Datasheet
204Kb / 5P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
SN54145 TI1-SN54145_15 Datasheet
1Mb / 16P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
SN54LS445 TI1-SN54LS445_08 Datasheet
158Kb / 4P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com