công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4528 bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện CD4528
Giải thích chi tiết về linh kiện  Dual Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4528 bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  CD4528 Datasheet HTML 1Page - Fairchild Semiconductor CD4528 Datasheet HTML 2Page - Fairchild Semiconductor CD4528 Datasheet HTML 3Page - Fairchild Semiconductor CD4528 Datasheet HTML 4Page - Fairchild Semiconductor CD4528 Datasheet HTML 5Page - Fairchild Semiconductor CD4528 Datasheet HTML 6Page - Fairchild Semiconductor CD4528 Datasheet HTML 7Page - Fairchild Semiconductor CD4528 Datasheet HTML 8Page - Fairchild Semiconductor CD4528 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range”, they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: VSS = 0V unless otherwise specified.
Note 4: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 V
DC to +18 VDC
Input Voltage, All Inputs (VIN)
−0.5 V
DC to VDD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0V to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V
20
0.005
20
150
µA
VDD = 10V
40
0.010
40
300
µA
VDD = 15V
80
0.015
80
600
µA
VOL
LOW Level Output Voltage
VDD = 5V
0.05
0.05
0.05
V
VDD = 10V
0.05
0.05
0.05
V
VDD = 15V
0.05
0.05
0.05
V
VOH
HIGH Level Output Voltage
VDD = 5V
4.95
4.95
5.0
4.95
V
VDD = 10V
9.959.95
10.09.95
V
VDD = 15V
14.95
14.95
15.0
14.95
V
VIL
LOW Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
2.25
1.5
1.5
V
VDD = 10V, VO = 1V or 9V
3.0
4.50
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
6.75
4.0
4.0
V
VIH
HIGH Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
2.75
3.5
V
VDD = 10V, VO = 1V or 9V
7.0
7.0
5.50
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
8.25
11.0
V
IOL
LOW Level Output Current
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
(Note 4)
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output Current
VDD = 5V, VO = 4.6V
−0.2
−0.16 −0.36
−0.12
mA
(Note 4)
VDD = 10V, VO = 9.5V
−0.5
−0.4
−0.9
−0.3
mA
VDD = 15V, VO = 13.5V
−1.4
−1.2
−3.5
−1.0
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0
µA


Số phần tương tự - CD4528

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4528 NSC-CD4528 Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
List of Unclassifed Man...
CD4528 ETC2-CD4528 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
National Semiconductor ...
CD4528BC NSC-CD4528BC Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Fairchild Semiconductor
CD4528BC FAIRCHILD-CD4528BC Datasheet
110Kb / 9P
   Dual Monostable Multivibrator
October 1987 Revised January 2004
logo
National Semiconductor ...
CD4528BCJ NSC-CD4528BCJ Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
More results

Mô tả tương tự - CD4528

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com