công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4528BCM bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện CD4528BCM
Giải thích chi tiết về linh kiện  Dual Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4528BCM bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  CD4528BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4528BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4528BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4528BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4528BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4528BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4528BCM Datasheet HTML 7Page - Fairchild Semiconductor CD4528BCM Datasheet HTML 8Page - Fairchild Semiconductor CD4528BCM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 5)
TA = 25°C, CL = 50 pF, RL = 200 kΩ, Input tr = tf = 20 ns, unless otherwise specified
Note 5: AC parameters are guaranteed by DC correlated testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tr
Output Rise Time
tr = (3.0 ns/pF) CL + 30 ns, VDD = 5.0V
180
400
ns
tr = (1.5 ns/pF) CL + 15 ns, VDD = 10.0V
90
200
ns
tr = (1.1 ns/pF) CL + 10 ns, VDD = 15.0V
65
160
ns
tf
Output Fall Time
tf = (1.5 ns/pF) CL + 25 ns, VDD = 5.0V
100
200
ns
tf = (0.75 ns/pF) CL + 12.5 ns, VDD = 10V
50
100
ns
tf = (0.55 ns/pF) CL + 9.5 ns, VDD = 15.0V
35
80
ns
tPLH
Turn-Off, Turn-On Delay
tPLH, tPHL = (1.7 ns/pF) CL + 240 ns, VDD = 5.0V
230
500
ns
tPHL
A or B to Q or Q
tPLH, tPHL = (0.66 ns/pF) CL + 8 ns, VDD = 10.0V
100
250
ns
Cx
= 15 pF, Rx = 5.0 kΩ
tPLH, tPHL = (0.5 ns/pF) CL + 65 ns, VDD = 15.0V
65
150
ns
Turn-Off, Turn-On Delay
tPLH, tPHL = (1.7 ns/pF) CL + 620 ns, VDD = 5.0V
230
500
ns
A or B to Q or Q
tPLH, tPHL = (0.66 ns/pF) CL + 257 ns, VDD = 10.0V
100
250
ns
Cx
= 100 pF, Rx = 10 kΩ
tPLH, tPHL = (0.5 ns/pF) CL + 185 ns, VDD = 15.0V
65
150
ns
tWL
Minimum Input Pulse Width
VDD = 5.0V
60
150
ns
tWH
A or B
VDD = 10.0V
20
50
ns
Cx
= 15 pF, Rx = 5.0 kΩ
VDD = 15V
20
50
ns
Cx
= 1000 pF, Rx = 10 kΩ
VDD = 5.0V
60
150
ns
VDD = 10.0V
20
50
ns
VDD = 15.0V
20
50
ns
PWOUT
Output Pulse Width Q or Q
VDD = 5.0V
550
ns
For Cx
< 0.01 µF (See Graph
VDD = 10.0V
350
ns
for Appropriate VDD Level)
Cx
= 15 pF, Rx = 5.0 kΩ
VDD = 15.0V
300
ns
For Cx
> 0.01 µF Use
VDD = 5.0V
15
29
45
µs
PWout = 0.2 Rx Cx In [VDD − VSS]VDD = 10.0V
103790
µs
Cx
= 10,000 pF, Rx = 10 kΩ
VDD = 15.0V
154295
µs
tPLH
Reset Propagation Delay,
VDD = 5.0V
325
600
ns
tPHL
tPLH, tPHL
VDD = 10.0V
90
225
ns
Cx
= 15 pF, Rx = 5.0 kΩ
VDD = 15.0V
60
170
ns
Cx
= 1000 pF, Rx = 10 kΩ
VDD = 5.0V
7.0
µs
VDD = 10.0V
6.7
µs
VDD = 15.0V
6.7
µs
tRR
Minimum Retrigger Time
VDD = 5.0V
0
ns
Cx
= 15 pF, Rx = 5.0 kΩ
VDD = 10.0V
0
ns
VDD = 15.0V
0
ns
Cx
= 1000 pF, Rx = 10 kΩ
VDD = 5.0V
0
ns
VDD = 10.0V
0
ns
VDD = 15.0V
0
ns
Pulse Width Match between Circuits
VDD = 5.0V
6
25
%
in the Same Package
VDD = 10.0V
8
35
%
Cx
= 10,000 pF, Rx = 10 kΩ
VDD = 15.0V
8
35
%


Số phần tương tự - CD4528BCM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
CD4528BCM FAIRCHILD-CD4528BCM Datasheet
110Kb / 9P
   Dual Monostable Multivibrator
October 1987 Revised January 2004
More results

Mô tả tương tự - CD4528BCM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com