công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4093BCN bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện CD4093BCN
Giải thích chi tiết về linh kiện  Quad 2-Input NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4093BCN bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  CD4093BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005982.prf
www.fairchildsemi.com
CD4093BC
Quad 2-Input NAND Schmitt Trigger
General Description
The CD4093B consists of four Schmitt-trigger circuits.
Each circuit functions as a 2-input NAND gate with Schmitt-
trigger action on both inputs. The gate switches at different
points for positive and negative-going signals. The differ-
ence between the positive (VT
+) and the negative voltage
(VT
) is defined as hysteresis voltage (V
H).
All outputs have equal source and sink currents and con-
form to standard B-series output drive (see Static Electrical
Characteristics).
Features
s Wide supply voltage range:
3.0V to 15V
s Schmitt-trigger on each input
with no external components
s Noise immunity greater than 50%
s Equal source and sink currents
s No limit on input rise and fall time
s Standard B-series output drive
s Hysteresis voltage (any input) TA = 25°C
Applications
• Wave and pulse shapers
• High-noise-environment systems
• Monostable multivibrators
• Astable multivibrators
• NAND logic
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for SOIC and DIP
Top View
Typical
VDD = 5.0V
VH = 1.5V
VDD = 10V
VH = 2.2V
VDD = 15V
VH = 2.7V
Guaranteed
VH = 0.1 VDD
Order Number
Package Number
Package Description
CD4093BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow Body
CD4093BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Số phần tương tự - CD4093BCN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4093BCN NSC-CD4093BCN Datasheet
157Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
CD4093BCN FAIRCHILD-CD4093BCN Datasheet
91Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
List of Unclassifed Man...
CD4093BCN ETC2-CD4093BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Mô tả tương tự - CD4093BCN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com