công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4047 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện CD4047
Giải thích chi tiết về linh kiện  Low Power Monostable/Astable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4047 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  CD4047 Datasheet HTML 1Page - Fairchild Semiconductor CD4047 Datasheet HTML 2Page - Fairchild Semiconductor CD4047 Datasheet HTML 3Page - Fairchild Semiconductor CD4047 Datasheet HTML 4Page - Fairchild Semiconductor CD4047 Datasheet HTML 5Page - Fairchild Semiconductor CD4047 Datasheet HTML 6Page - Fairchild Semiconductor CD4047 Datasheet HTML 7Page - Fairchild Semiconductor CD4047 Datasheet HTML 8Page - Fairchild Semiconductor CD4047 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 1987
Revised May 1999
© 1999 Fairchild Semiconductor Corporation
DS005969.prf
www.fairchildsemi.com
CD4047BC
Low Power Monostable/Astable Multivibrator
General Description
The CD4047B is capable of operating in either the
monostable or astable mode. It requires an external capac-
itor (between pins 1 and 3) and an external resistor
(between pins 2 and 3) to determine the output pulse width
in the monostable mode, and the output frequency in the
astable mode.
Astable operation is enabled by a high level on the astable
input or low level on the astable input. The output fre-
quency (at 50% duty cycle) at Q and Q outputs is deter-
mined by the timing components. A frequency twice that of
Q is available at the Oscillator Output; a 50% duty cycle is
not guaranteed.
Monostable operation is obtained when the device is trig-
gered by LOW-to-HIGH transition at
+ trigger input or
HIGH-to-LOW transition at
− trigger input. The device can
be retriggered by applying a simultaneous LOW-to-HIGH
transition to both the
+ trigger and retrigger inputs.
A high level on Reset input resets the outputs Q to LOW, Q
to HIGH.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD (typ.)
s Low power TTL compatibility: Fan out of 2 driving 74L
or 1 driving 74LS
SPECIAL FEATURES
s Low power consumption: special CMOS oscillator
configuration
s Monostable (one-shot) or astable (free-running)
operation
s True and complemented buffered outputs
s Only one external R and C required
MONOSTABLE MULTIVIBRATOR FEATURES
s Positive- or negative-edge trigger
s Output pulse width independent of trigger pulse duration
s Retriggerable option for pulse width expansion
s Long pulse widths possible using small RC components
by means of external counter provision
s Fast recovery time essentially independent of pulse
width
s Pulse-width
accuracy
maintained
at
duty
cycles
approaching 100%
ASTABLE MULTIVIBRATOR FEATURES
s Free-running or gatable operating modes
s 50% duty cycle
s Oscillator output available
s Good astable frequency stability
typical
= ±2% + 0.03%/°C @ 100 kHz
frequency
= ±0.5% + 0.015%/°C @ 10 kHz
deviation (circuits trimmed to frequency VDD = 10V
±10%)
Applications
• Frequency discriminators
• Timing circuits
• Time-delay applications
• Envelope detection
• Frequency multiplication
• Frequency division
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
CD4047BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
CD4047BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Số phần tương tự - CD4047

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4047 TI-CD4047 Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Intersil Corporation
CD4047 INTERSIL-CD4047 Datasheet
127Kb / 15P
   CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
National Semiconductor ...
CD4047 NSC-CD4047 Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047 NSC-CD4047 Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results

Mô tả tương tự - CD4047

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Intersil Corporation
CD4047BMS INTERSIL-CD4047BMS Datasheet
127Kb / 15P
   CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
STMicroelectronics
HCC4047B STMICROELECTRONICS-HCC4047B Datasheet
302Kb / 15P
   LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com