công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4046BCMX bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor |
|
CD4046BCMX bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor |
3 / 14 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 1) (Note 2) Recommended Operating Conditions (Note 2) Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices should be operated at these limits. The table of “Recom- mended Operating Conditions” and “Electrical Characteristics” provides conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified. DC Electrical Characteristics (Note 2) Note 3: Capacitance is guaranteed by periodic testing. Note 4: IOH and IOL are tested one output at a time. DC Supply Voltage (VDD) −0.5 to +18 V DC Input Voltage (VIN) −0.5 to V DD +0.5 VDC Storage Temperature Range (TS) −65°C to +150°C Power Dissipation (PD) Dual-In-Line 700 mW Small Outline 500 mW Lead Temperature (TL) (Soldering, 10 seconds) 260 °C DC Supply Voltage (VDD) 3 to 15 VDC Input Voltage (VIN) 0 to VDD VDC Operating Temperature Range (TA) −55°C to +125°C Symbol Parameter Conditions −55°C +25°C +125°C Units Min Max Min Typ Max Min Max IDD Quiescent Device Current Pin 5 = V DD, Pin 14 = VDD, Pin 3, 9 = V SS VDD = 5V 5 0.005 5 150 µA VDD = 10V 10 0.01 10 300 VDD = 15V 20 0.015 20 600 Pin 5 = V DD, Pin 14 = Open, Pin 3, 9 = V SS VDD = 5V 45 5 35 185 µA VDD = 10V 450 20 350 650 VDD = 15V 1200 50 900 1500 VOL LOW Level Output Voltage VDD = 5V 0.05 0 0.05 0.05 V VDD = 10V 0.05 0 0.05 0.05 VDD = 15V 0.05 0 0.05 0.05 VOH HIGH Level Output Voltage VDD = 5V 4.95 4.95 5 4.95 V VDD = 10V 9.95 9.95 10 9.95 VDD = 15V 14.95 14.95 15 14.95 VIL LOW Level Input Voltage VDD = 5V, VO = 0.5V or 4.5V 1.5 2.25 1.5 1.5 V Comparator and Signal In VDD = 10V, VO = 1V or 9V 3.0 4.5 3.0 3.0 VDD = 15V, VO = 1.5V or 13.5V 4.0 6.25 4.0 4.0 VIH HIGH Level Input Voltage VDD = 5V, VO = 0.5V or 4.5V 3.5 3.5 2.75 3.5 V Comparator and Signal In VDD = 10V, VO = 1V or 9V 7.0 7.0 5.5 7.0 VDD = 15V, VO = 1.5V or 13.5V 11.0 11.0 8.25 11.0 IOL LOW Level Output Current VDD = 5V, VO = 0.4V 0.64 0.51 0.88 0.36 mA (Note 4) VDD = 10V, VO = 0.5V 1.6 1.3 2.25 0.9 VDD = 15V, VO = 1.5V 4.2 3.4 8.8 2.4 IOH HIGH Level Output Current VDD = 5V, VO = 4.6V −0.64 −0.51 −0.88 −0.36 mA (Note 4) VDD = 10V, VO = 9.5V −1.6 −1.3 −2.25 −0.9 VDD = 15V, VO = 13.5V −4.2 −3.4 −8.8 −2.4 IIN Input Current All Inputs Except Signal Input VDD = 15V, VIN = 0V −0.1 −10−5 −0.1 −1.0 µA VDD = 15V, VIN = 15V 0.1 10−5 0.1 1.0 CIN Input Capacitance Any Input (Note 3) 7.5 pF PT Total Power Dissipation fo = 10 kHz, R1 = 1 MΩ, R2 = ∞, VCO IN = VCC/2 VDD = 5V 0.07 mW VDD = 10V 0.6 VDD = 15V 2.4 |
Số phần tương tự - CD4046BCMX |
|
Mô tả tương tự - CD4046BCMX |