công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4046BCN bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện CD4046BCN
Giải thích chi tiết về linh kiện  Micropower Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4046BCN bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  CD4046BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4046BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4046BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4046BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4046BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4046BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4046BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4046BCN Datasheet HTML 8Page - Fairchild Semiconductor CD4046BCN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: Capacitance is guaranteed by periodic testing.
Note 4: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 to +18 V
DC
Input Voltage (VIN)
−0.5 to V
DD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3 to 15 VDC
Input Voltage (VIN)
0 to VDD VDC
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
Pin 5
= V
DD, Pin 14 = VDD,
Pin 3, 9
= V
SS
VDD = 5V
5
0.005
5
150
µA
VDD = 10V
10
0.01
10
300
VDD = 15V
20
0.015
20
600
Pin 5
= V
DD, Pin 14 = Open,
Pin 3, 9
= V
SS
VDD = 5V
45
5
35
185
µA
VDD = 10V
450
20
350
650
VDD = 15V
1200
50
900
1500
VOL
LOW Level Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level Output Voltage
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
2.25
1.5
1.5
V
Comparator and Signal In
VDD = 10V, VO = 1V or 9V
3.0
4.5
3.0
3.0
VDD = 15V, VO = 1.5V or 13.5V
4.0
6.25
4.0
4.0
VIH
HIGH Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
2.75
3.5
V
Comparator and Signal In
VDD = 10V, VO = 1V or 9V
7.0
7.0
5.5
7.0
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
8.25
11.0
IOL
LOW Level Output Current
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
(Note 4)
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output Current
VDD = 5V, VO = 4.6V
−0.64
−0.51 −0.88
−0.36
mA
(Note 4)
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
All Inputs Except Signal Input
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0
CIN
Input Capacitance
Any Input (Note 3)
7.5
pF
PT
Total Power Dissipation
fo = 10 kHz, R1 = 1 MΩ,
R2
= ∞, VCO
IN = VCC/2
VDD = 5V
0.07
mW
VDD = 10V
0.6
VDD = 15V
2.4


Số phần tương tự - CD4046BCN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
More results

Mô tả tương tự - CD4046BCN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
   MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
   MICROPOWER PHASE-LOCKED LOOP
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com