công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4029 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện CD4029
Giải thích chi tiết về linh kiện  Presettable Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4029 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  CD4029 Datasheet HTML 1Page - Fairchild Semiconductor CD4029 Datasheet HTML 2Page - Fairchild Semiconductor CD4029 Datasheet HTML 3Page - Fairchild Semiconductor CD4029 Datasheet HTML 4Page - Fairchild Semiconductor CD4029 Datasheet HTML 5Page - Fairchild Semiconductor CD4029 Datasheet HTML 6Page - Fairchild Semiconductor CD4029 Datasheet HTML 7Page - Fairchild Semiconductor CD4029 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, Input trCL = tfCL = 20 ns, unless otherwise specified
Note 4: *AC Parameters are guaranteed by DC correlated testing.
Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see 74C Family Characteristics application
note, AN-90.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCKED OPERATION
tPHL or tPLH
Propagation Delay Time
VDD = 5V
200
400
ns
to Q Outputs
VDD = 10V
85
170
ns
VDD = 15V
70
140
ns
tPHL or tPLH
Propagation Delay Time
VDD = 5V
320
640
ns
to Carry Output
VDD = 10V
135
270
ns
VDD = 15V
110
220
ns
tPHL or tPLH
Propagation Delay Time
CL = 15 pF
to Carry Output
VDD = 5V
285
570
ns
VDD = 10V
120
240
ns
VDD = 15V
95
190
ns
tTHL or tTLH
Transition Time/Q
VDD = 5V
100
200
ns
or Carry Output
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tWH or tWL
Minimum Clock
VDD = 5V
160
320
ns
Pulse Width
VDD = 10V
70
135
ns
VDD = 15V
55
110
ns
trCL or tfCL
Maximum Clock Rise
VDD = 5V
15
µs
and Fall Time
VDD = 10V
10
µs
VDD = 15V
5
µs
tSU
Minimum Set-Up Time
VDD = 5V
180
360
ns
VDD = 10V
70
140
ns
VDD = 15V
55
110
ns
fCL
Maximum Clock Frequency
VDD = 5V
1.5
3.1
MHz
VDD = 10V
3.7
7.4
MHz
VDD = 15V
4.5
9
MHz
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacitance
Per Package (Note 5)
65
pF
PRESET ENABLE OPERATION
tPHL or tPLH
Propagation Delay Time
VDD = 5V
285
570
ns
to Q output
VDD = 10V
115
230
ns
VDD = 15V
95
195
ns
tPHL or tPLH
Propagation Delay Time
VDD = 5V
400
800
ns
to Carry Output
VDD = 10V
165
330
ns
VDD = 15V
135
260
ns
tWH
Minimum Preset Enable
VDD = 5V
80
160
ns
Pulse Width
VDD = 10V
30
60
ns
VDD = 15V
25
50
ns
tREM
Minimum Preset Enable
VDD = 5V
150
300
ns
Removal Time
VDD = 10V
60
120
ns
VDD = 15V
50
100
ns
CARRY INPUT OPERATION
tPHL or tPLH
Propagation Delay Time
VDD = 5V
265
530
ns
to Carry Output
VDD = 10V
110
220
ns
VDD = 15V
90
180
ns
tPHL, tPLH
Propagation Delay Time
CL = 15 pF
to Carry Output
VDD = 5V
200
400
ns
VDD = 10V
85
170
ns
VDD = 15V
70
140
ns


Số phần tương tự - CD4029

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4029 NSC-CD4029 Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Texas Instruments
CD4029 TI-CD4029 Datasheet
302Kb / 7P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
logo
Intersil Corporation
CD4029 INTERSIL-CD4029 Datasheet
124Kb / 11P
   CMOS Presettable Up/Down Counter
December 1992
logo
National Semiconductor ...
CD4029 NSC-CD4029 Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Texas Instruments
CD4029 TI1-CD4029 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
More results

Mô tả tương tự - CD4029

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
   PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
   PRESETTABLE BINARY UP/DOWN COUNTER
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com