công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMBR2045CTG bảng dữ liệu(PDF) 2 Page - Leshan Radio Company

tên linh kiện LMBR2045CTG
Giải thích chi tiết về linh kiện  SWITCHMODE Power Rectifiers Guard?뭃ing for Stress Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR2045CTG bảng dữ liệu(HTML) 2 Page - Leshan Radio Company

  LMBR2045CTG Datasheet HTML 1Page - Leshan Radio Company LMBR2045CTG Datasheet HTML 2Page - Leshan Radio Company LMBR2045CTG Datasheet HTML 3Page - Leshan Radio Company LMBR2045CTG Datasheet HTML 4Page - Leshan Radio Company LMBR2045CTG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LMBR2040CTG, LMBR2045CTG, LMBR2060CTG, LMBR2080CTG
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
LMBR
Unit
2040 2045
20150
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
45
60
150
V
Average Rectified Forward Current
(Rated VR) TC = 133°C
IF(AV)
10
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 133°C
IFRM
20
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave,
single phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz)
IRRM
0.5
A
Operating Junction Temperature (Note 1)
TJ
*55 to +150
°C
Storage Temperature
Tstg
*55 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
THERMAL CHARACTERISTICS
Maximum Thermal Resistance Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
2.0
60
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 10 Amps, TC = 25°C)
vF
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
40.0
0.5
mA
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
TO−220
LMBR2040CTG, LMBR2045CTG
LMBR2090CTG, LMBR20100CTG
50 Units/Rail
2/5
0.55
0.75
0.85
CTG CTG
2060
CTG
CTG
80
2080
CTG
90
2090
CTG
100
20100
CTG
LMBR2090CTG, LMBR20100CTG, LMBR20150CTG
LMBR2060CTG, LMBR2080CTG
LMBR20150CTG
0.95
(Rated dc Voltage, T = 125°C − MBR2060CT only)
50.0
1.0
20.0


Số phần tương tự - LMBR2045CTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
More results

Mô tả tương tự - LMBR2045CTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PMEG3050BEP PHILIPS-PMEG3050BEP Datasheet
265Kb / 13P
   Planar MEGA Schottky barrier rectifier with an integrated guard ring for stress protection
Rev. 01-28 October 2009
logo
Leshan Radio Company
LMBR120ESFT1G LRC-LMBR120ESFT1G Datasheet
332Kb / 5P
   Surface Mount Schottky Power Rectifier Guardring for Stress Protection
logo
SHIKUES Electronics
MBR130 SKTECHNOLGY-MBR130 Datasheet
2Mb / 4P
   Guardring for stress protection, Low forward voltage
logo
Leshan Radio Company
LMBR120LSFT1G LRC-LMBR120LSFT1G Datasheet
329Kb / 5P
   Surface Mount Schottky Power Rectifier Guardring for Stress Protection
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com