công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMBR0540T1G bảng dữ liệu(PDF) 1 Page - Leshan Radio Company

tên linh kiện LMBR0540T1G
Giải thích chi tiết về linh kiện  Surface Mount Schottky Power Rectifier Pb-Free package is available
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR0540T1G bảng dữ liệu(HTML) 1 Page - Leshan Radio Company

  LMBR0540T1G Datasheet HTML 1Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 2Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 3Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 4Page - Leshan Radio Company LMBR0540T1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pb-Free package is available
SOD–123
LESHAN RADIO COMPANY, LTD.
1/3
Surface Mount
Schottky Power Rectifier
LMBR0540T1G
The Schottky Power Rectifier employs the Schottky Barrier
principle with a barrier metal that produces optimal forward voltage
drop−reverse current tradeoff. Ideally suited for low voltage, high
frequency rectification, or as a free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. This package provides an alternative to the
leadless 34 MELF style package.
Features
Guardring for Stress Protection
Very Low Forward Voltage
Epoxy Meets UL 94 V−0 @ 0.125 in
Package Designed for Optimal Automated Board Assembly
Mechanical Characteristics
Reel Options:LMBR0540T1G= 3,000 per 7 inch reel/8 mm tape
LMBR0540T3G=10,000 per 13 inch reel/8 mm tape
Device Marking: B4
Polarity Designator: Cathode Band
Weight: 11.7 mg (approximately)
Case: Epoxy Molded
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C max. for 10 Seconds
We declare that the material of product compliance with RoHS requirements.
1
Cathode
2
Anode
Rev.O 1/5


Số phần tương tự - LMBR0540T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LMBR0540T1G LRC-LMBR0540T1G Datasheet
255Kb / 5P
   Schottky Power Rectifier
LMBR0540T1G LRC-LMBR0540T1G_15 Datasheet
255Kb / 5P
   Schottky Power Rectifier
More results

Mô tả tương tự - LMBR0540T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LMBR0520T1G LRC-LMBR0520T1G Datasheet
155Kb / 3P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR130T1G LRC-LMBR130T1G Datasheet
201Kb / 4P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0530T1G LRC-LMBR0530T1G Datasheet
203Kb / 4P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
LMBR0530T1G LEIDITECH-LMBR0530T1G Datasheet
585Kb / 4P
   Surface Mount Schottky Power Rectifier pd-Free package is avaiiable
logo
Leshan Radio Company
LSSBTH10T1G LRC-LSSBTH10T1G Datasheet
550Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
LSBTH10T1G LRC-LSBTH10T1G Datasheet
552Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
   Pb?묯ree Package is Available
logo
Leshan Radio Company
L2SC1623QLT1G LRC-L2SC1623QLT1G Datasheet
300Kb / 5P
   General Purpose Transistors Pb-Free packkage is available
logo
ON Semiconductor
MBRS1100T3 ONSEMI-MBRS1100T3_07 Datasheet
49Kb / 4P
   Schottky Power Rectifier Surface Mount Power Package
March, 2007 ??Rev. 9
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com