công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD40192 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện CD40192
Giải thích chi tiết về linh kiện  Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD40192 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  CD40192 Datasheet HTML 1Page - Fairchild Semiconductor CD40192 Datasheet HTML 2Page - Fairchild Semiconductor CD40192 Datasheet HTML 3Page - Fairchild Semiconductor CD40192 Datasheet HTML 4Page - Fairchild Semiconductor CD40192 Datasheet HTML 5Page - Fairchild Semiconductor CD40192 Datasheet HTML 6Page - Fairchild Semiconductor CD40192 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 3)
TA = 25°C, CL = 50 pF, RL = 200 k, input tr = tf = 20 ns, unless otherwise specified.
Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see Family Characteristics application note,
AN-90.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL or tPLH
Propagation Delay Time
VDD = 5V
250
400
ns
from Count Up or
VDD = 10V
100
160
ns
Count Down to Q
VDD = 15V
80
130
ns
tPHL or tPLH
Propagation Delay Time
VDD = 5V
120
200
ns
from Count Up to Carry
VDD = 10V
50
80
ns
VDD = 15V
40
65
ns
tPHL or tPLH
Propagation Delay Time
VDD = 5V
120
200
ns
from Count Down
VDD = 10V
50
80
ns
to Borrow
VDD = 15V
40
65
ns
tSU
Time Prior to Load
VDD = 5V
100
160
ns
That Data Must
VDD = 10V
30
50
ns
Be Present
VDD = 15V
25
40
ns
tPHL
Propagation Delay Time
VDD = 5V
130
220
ns
from Clear to Q
VDD = 10V
60
100
ns
VDD = 15V
50
80
ns
tPLH or tPHL
Propagation Delay Time
VDD = 5V
300
480
ns
from Load to Q
VDD = 10V
120
190
ns
VDD = 15V
95
150
ns
tTLH or tTHL
Output Transition Time
VDD = 5V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
fCL
Maximum Count Frequency
VDD = 5V
2.5
4
MHz
VDD = 10V
6
10
MHz
VDD = 15V
7.5
12.5
MHz
trCL or t fCL
Maximum Count Rise
VDD = 5V
15
µs
or Fall Time
VDD = 10V
5
µs
VDD = 15V
1
µs
tWH, tWL
Minimum Count Pulse
VDD = 5V
120
200
ns
Width
VDD = 10V
35
80
ns
VDD = 15V
28
65
ns
tWH
Minimum Clear
VDD = 5V
300
480
ns
Pulse Width
VDD = 10V
120
190
ns
VDD = 15V
95
150
ns
tWL
Minimum Load
VDD = 5V
100
160
ns
Pulse Width
VDD = 10V
40
65
ns
VDD = 15V
32
55
ns
CIN
Average Input Capacitance
Load and Data
5
7.5
pF
Inputs (A,B,C,D)
Count Up, Count
10
15
pF
Down and Clear
CPD
Power Dissipation Capacity
(Note 5)
100
pF


Số phần tương tự - CD40192

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CD40192 INTERSIL-CD40192 Datasheet
149Kb / 12P
   CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
logo
National Semiconductor ...
CD40192 NSC-CD40192 Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192B TI1-CD40192B Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
CD40192B-MIL TI1-CD40192B-MIL Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
More results

Mô tả tương tự - CD40192

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com