công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12311CHN bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC12311CHN
Giải thích chi tiết về linh kiện  This section provides a simplified block diagram and highlights MC12311 features
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC12311CHN bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC12311CHN Datasheet HTML 6Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 7Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 8Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 9Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 10Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 11Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 12Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 13Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MC12311 Advance Information, Rev. 1.0
10
Freescale Semiconductor
25
PTA2/KBI1P2/
SDA/ADP22
Digital
Input/Output /
Analog Input
MCU Port A Bit 2 / KBI1 Input Bit 2 /
IIC bus data / ADC Analog Channel 2
26
PTA1/KBI1P1/
TPM2CH0/ADP1/
ACMP1-3
Digital
Input/Output /
Analog Input
MCU Port A Bit 1 / KBI1 Input Bit 1 /
TPM2 Channel 0 /
ADC Analog Channel 1 /
ACMP1 Analog Input Minus
27
PTA0/KBI1P0/
TPM1CH0/ADP0/
ACMP1+3
Digital
Input/Output /
Analog Input
MCU Port A Bit 0 / KBI1 Input Bit 0 /
TPM1 Channel 0 /
ADC Analog Channel 0 /
ACMP1 Analog Input Plus
28
PTC7/TXD2/
ACMP2-
Digital
Input/Output /
Analog Input
MCU Port C Bit 7 / SCI2 TXD /
ACMP2 Analog Input Minus
29
PTC6/RXD2/
ACMP2+
Digital
Input/Output
MCU Port C Bit 6 / SCI2 RXD /
ACMP2 Analog Input Plus
30
NC
No Connect
31
PTC5/TPM3CH5/
ACMP2O
Digital
Input/Output
MCU Port C Bit 5 / TPM3 Channel 5 /
ACMP2 Output
32
PTC4/TPM3CH4
Digital
Input/Output
MCU Port C Bit 5 / TPM3 Channel 5 /
ACMP2 Output
33
PTA5/IRQ/
TPM1CLK/RESETB
Digital
Input/Output
MCU Port A Bit 5 / MCU IRQ /
TPM1 Clock / MCU RESET
34
PTA4/ACMP1O/
BKGD/MS
Digital
Input/Output
MCU Port A Bit 4 / ACMP1 Output /
Background Debug Port / Mode Select
35
VBAT2
Power Input
Transceiver VDD
Connect to MC12311 VDD supply
36
GND
Power Input
Transceiver Ground
Connect to ground
37
RXTX (RF)
Digital Output
Transceiver Rx/Tx RF Switch Control
Output; high when in TX
38
GND_PA2 (RF)
Power Input
Transceiver RF Ground
Connect to ground
39
RFIO (RF)
RF Input/Output
Transceiver RF Input/Output
40
GND_PA1 (RF)
Power Input
Transceiver RF Ground
Connect to ground
41
PA_BOOST
RF Output
Transceiver Optional High-Power PA
Output
42
VR_PA
Power Output
Transceiver regulated output voltage for
VR_PA use.
43
VBAT1 (RF)
Power Input
Transceiver VDD for RF circuitry
Connect to MC12311 VDD supply
44
VR_ANA
Power Output
Transceiver regulated output voltage for
analog circuitry.
Decouple to ground with 100 nF
capacitor
Table 1. Pin Function Description (continued)
Pin #
Pin Name
Type
Description
Functionality


Số phần tương tự - MC12311CHN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
   Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
More results

Mô tả tương tự - MC12311CHN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
ARTIK530 SAMSUNG-ARTIK530 Datasheet
1Mb / 75P
   BLOCK DIAGRAM AND MODULE FEATURES
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Altera Corporation
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
7Mb / 274P
   This section provides a complete overview of all features relating to the Cyclone III device family
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
   This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
logo
Freescale Semiconductor...
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
   This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
logo
Motorola, Inc
MPC555 MOTOROLA-MPC555 Datasheet
171Kb / 12P
   This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
logo
Altera Corporation
EP4SE360F35I4 ALTERA-EP4SE360F35I4 Datasheet
10Mb / 432P
   This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
logo
STMicroelectronics
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
   This document provides a detailed description
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com