công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12311CHN bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC12311CHN
Giải thích chi tiết về linh kiện  This section provides a simplified block diagram and highlights MC12311 features
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC12311CHN bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC12311CHN Datasheet HTML 2Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 3Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 4Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 5Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 6Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 7Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 8Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 9Page - Freescale Semiconductor, Inc MC12311CHN Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MC12311 Advance Information, Rev. 1.0
6
Freescale Semiconductor
4.2
9S08QE32 MCU
The onboard 9S08QE32 MCU integrated circuit features an HC08 8-bit CPU, 2 KB RAM, 32 KB Flash
memory, and a rich set of peripherals (see Section 2.2, “Features Summary”). The RF transceiver is
controlled through the MCU SPI port which is dedicated to the RF device interface. Two of the transceiver
status IO lines are also directly connected to the MCU GPIO to monitor the transceiver operation. In
addition, the transceiver reset and additional status can be connected to the MCU through external
connections.
Figure 3. MC12311 MCU Block Diagram
IIC MODULE (IIC)
USER FLASH
USER RAM
HCS08 CORE
CPU
BDC
PTB7/SCL/EXTAL
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
LVD
PTB6/SDA/XTAL
PTB5/TPM1CH1/SS
PTB4/TPM2CH1/MISO
PTB3/KBI1P7/MOSI/ADP7
PTB2/KBI1P6/SPSCK/ADP6
VOLTAGE REGULATOR
PTA1/KBI1P1/TPM2CH0/ADP1/ACMP1–
ANALOG COMPARATOR
(ACMP1)
LOW-POWER OSCILLATOR
50.33 MHz INTERNAL CLOCK
SOURCE (ICS)
31.25 kHz to 38.4 kHz
1 MHz to 16 MHz
(XOSCVLP)
VSS
VDD
ANALOG-TO-DIGITAL
CONVERTER (ADC12)
10-CHANNEL, 12-BIT
PTB1/KBI1P5/TxD1/ADP5
PTB0/KBI1P4/RxD1/ADP4
PTC7/TxD2/ACMP2–
PTC6/RxD2/ACMP2+
PTC5/TPM3CH5/ACMP2O
PTC4/TPM3CH4
REAL-TIME COUNTER
PTA3/KBI1P3/SCL/ADP3
PTA2/KBI1P2/SDA/ADP2
PTA0/KBI1P0/TPM1CH0/ADP0/ACMP1+
PTA4/ACMP1O/BKGD/MS
PTA5/IRQ/TPM1CLK/RESET
IRQ
(RTC)
ANALOG COMPARATOR
(ACMP2)
PTA7/TPM2CH2/ADP9
PTA6/TPM1CH2/ADP8
PTC3/TPM3CH3
PTC2/TPM3CH2
PTC1/TPM3CH1
PTC0/TPM3CH0
VSSAD/VREFL
VDDAD/VREFH
BKGD/MS
IRQ
EXTAL
XTAL
VREFL
VREFH
SCL
SDA
MISO
MOSI
SPSCK
SS
RxD1
TxD1
DEBUG MODULE (DBG)
ACMP1O
ACMP1–
ACMP1+
ACMP2O
ACMP2–
ACMP2+
ADP9–ADP0
TPM1CLK
TPM1CH2–TPM1CH0
3-CHANNEL TIMER/PWM
MODULE (TPM1)
KEYBOARD INTERRUPT
MODULE (KBI2)
KBI2P7–KBI2P0
VSSAD
VDDAD
VSSAD
PTD7/KBI2P7
PTD6/KBI2P6
PTD5/KBI2P5
PTD4/KBI2P4
PTD3/KBI2P3
PTD2/KBI2P2
PTD1/KBI2P1
PTD0/KBI2P0
PTE7/TPM3CLK
PTE6
PTE5
PTE4
PTE3/SS
PTE2/MISO
PTE1/MOSI
PTE0/TPM2CLK/SPSCK
RxD2
TxD2
INTERFACE MODULE(SCI2)
SERIAL COMMUNICATIONS
INTERFACE MODULE(SCI1)
SERIAL COMMUNICATIONS
SERIAL PERIPHERAL
INTERFACE MODULE(SPI)
TPM2CLK
TPM2CH2–TPM2CH0
3-CHANNEL TIMER/PWM
MODULE (TPM2)
TPM3CLK
TPM3CH5–TPM3CH0
6-CHANNEL TIMER/PWM
MODULE (TPM3)
KEYBOARD INTERRUPT
MODULE (KBI1)
KBI1P7–KBI1P0
VDDAD
32768 BYTES
2048 BYTES
Not Bonded Out
Not Bonded Out
Notes:
1. When PTA5 is configured as RESET, pin becomes bi-directional with
output being open-drain drive containing an internal pullup device.
2. When PTA4 is configured as BKGD, pin becomes bi-directional.
3. Pins PTD7-PTD5 and PTE7-PTE4 not bonded out.


Số phần tương tự - MC12311CHN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
   Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
More results

Mô tả tương tự - MC12311CHN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
ARTIK530 SAMSUNG-ARTIK530 Datasheet
1Mb / 75P
   BLOCK DIAGRAM AND MODULE FEATURES
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Altera Corporation
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
7Mb / 274P
   This section provides a complete overview of all features relating to the Cyclone III device family
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
   This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
logo
Freescale Semiconductor...
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
   This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
logo
Motorola, Inc
MPC555 MOTOROLA-MPC555 Datasheet
171Kb / 12P
   This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
logo
Altera Corporation
EP4SE360F35I4 ALTERA-EP4SE360F35I4 Datasheet
10Mb / 432P
   This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
logo
STMicroelectronics
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
   This document provides a detailed description
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com