công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACE12022BEN bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor |
|
ACE12022BEN bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor |
4 / 39 page 4 www.fairchildsemi.com ACE1202 Product Family Rev. B.1 Preliminary ACE1202/ACE1202-2 DC Electrical Characteristics VCC = 1.8/2.2/2.7 to 5.5V All measurements valid for ambient operating temperature range unless otherwise stated. Symbol Parameter Conditions MIN TYP MAX Units I CC 4 Supply Current – 1.8V 0.2 0.5 mA no data EEPROM write in 2.2V 0.4 1.0 mA progress 2.7V 0.7 1.2 mA 3.3V 1.2 2.0 mA 5.5V 3.7 5.5 mA I CCH HALT Mode current 3.3V @ -40 °C to +25°C 10 100 nA 5.5V @ -40 °C to +25°C 60 1000 nA 3.3V @ +85 °C 75 1000 nA 5.5V @ +85 °C 400 2500 nA 3.3V @ +125 °C 600 5000 nA 5.5V @+125 °C 1550 8000 nA I CCL 5 IDLE Mode Current 3.3V 150 200 µA 5.5V 200 300 µA V CCW EEPROM Write Voltage Code EEPROM in 4.5 5.0 5.5 V Programming Mode Data EEPROM in 2.4 5.5 V Operating Mode S VCC Power Supply Slope 1 µs/V 10ms/V V IL Input Low with Schmitt V CC = 1.8 -5.5V 0.2V CC V Trigger Buffer V IH Input High with Schmitt V CC = 1.8 - 5.5V 0.8V CC V Trigger Buffer I IP Input Pull-up Current V CC =5.5V, VIN =0V 30 65 350 µA I TL TRI-STATE Leakage V CC =5.5V 2 200 nA V OL Output Low Voltage V CC = 1.8 - 2.2V G0, G1, G2, G4, G6, G7 0.8 mA sink 0.2V CC V G5 1.0 mA sink 0.2V CC V Output Low Voltage V CC = 2.2V – 3.3V G0, G1, G2, G4, G6, G7 3.0 mA sink 0.2V CC V G5 5.0 mA sink 0.2V CC V Output Low Voltage V CC = 3.3V – 5.5V G0, G1, G2, G4, G6, G7 5.0 mA sink 0.2V CC V G5 10.0 mA sink 0.2V CC V V OH Output High Voltage V CC = 1.8 - 2.2V G0, G1, G2, G4, G6, G7 0.1 mA source 0.8V CC V G5 0.2 mA source 0.8V CC V Output High Voltage V CC = 3.3V – 5.5V G0, G1, G2, G4, G6, G7 0.4 mA source 0.8V CC V G5 0.8 mA source 0.8V CC V Output High Voltage V CC = 3.3V – 5.5V G0, G1, G2, G4, G6, G7 0.4 mA source 0.8V CC V G5 1.0 mA source 0.8V CC V 4 I CC active current is dependent on the program code. 5 Based on a continuous IDLE looping program. |
Số phần tương tự - ACE12022BEN |
|
Mô tả tương tự - ACE12022BEN |