công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F022-006-420 bảng dữ liệu(PDF) 4 Page - Eichhoff Electronics,Inc.

tên linh kiện F022-006-420
Giải thích chi tiết về linh kiện  Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EICHHOFF [Eichhoff Electronics,Inc.]
Trang chủ  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F022-006-420 bảng dữ liệu(HTML) 4 Page - Eichhoff Electronics,Inc.

  F022-006-420 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F022-006-420 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F022-006-420 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F022-006-420 Datasheet HTML 4Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Nennspannung:
3/PE AC 440 V 50/60 Hz
max. zul. Betriebsspannung: = Nennspannung
Kapazitätsabweichung:
± 20%
Kondensatorenklasse:
X2, Y2
Drosselausführung:
stromkompensierte Ringkerndrossel
Induktivitätsabweichungen:
-30% / -50%
Entladewiderstand:
30 A, 80 A = 3 x 1M5 x 680 K
45 A = 3 x 470 K
Gehäuse:
Metallgehäuse mit Deckel und Lasche
Klimakategorie:
25/085/21-C nach IEC 60068-1
Anschlüsse:
berührungssichere Klemmen
Tension nominale:
3/PE AC 440 V 50/60 Hz
Tension de service
admissible max:
= tension nominale
Tolérance des capacités:
±20%
Classes des condensateurs: X2, Y2
Exécution de la self:
noyau toroîdal à courant compensé
Tolérances des inductances: -30% / -50%
Résistance de décharge:
30 A, 80 A = 3 x 1M5 x 680 K
45 A = 3 x 470 K
Boîtier:
boîtier métallique avec couvercle et pattes
Catégorie climatique:
25/085/21-C selon IEC 60068-1
Connexions:
bornes protégées
Rated voltage:
3/PE AC 440 V 50/60 Hz
max. admissible operating
voltage:
= rated voltage
Capacitance tolerance:
± 20%
Capacitor class:
X2, Y2
Choke type:
current compensated ring core
Inductance tolerance:
-30% / -50%
Discharge resistor:
30 A, 80 A = 3 x 1M5 x 680 K
45 A = 3 x 470 K
Encapsulation:
metal case with cover and lug
Climatic category:
25/085/21-C to IEC 60068-1
Connections:
touch-proof terminal blocks
unsymmetrische Messung, Abschluss des Nachbarzweiges
Non-symmetric measurement
Mesurage non-symétrique
asymmetrische Messung, beide Zweige parallel (common mode)
Asymmetric measurement (common mode)
Mesurage asymétrique (common mode)
symmetrische Messung (differential mode)
symmetric measurement (differential mode)
Mesurage symétrique (differential mode)
·
Einfügungsdämpfung (Richtwerte) Messung im 50:-System
Insertion loss (approx. values), measured in 50:-system
Affaiblissement d’insertion (valeurs indicatives) Mesurage dans le circuit 50:


Số phần tương tự - F022-006-420

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Eichhoff Electronics,In...
F022-005-420 EICHHOFF-F022-005-420 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F022-008-420 EICHHOFF-F022-008-420 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F022-008-420 EICHHOFF-F022-008-420 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
More results

Mô tả tương tự - F022-006-420

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Eichhoff Electronics,In...
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F033-056 EICHHOFF-F033-056 Datasheet
67Kb / 2P
   Funk-Entst철rfilter f체r Frequenz-Umrichter in Footprint-Ausf체hrung
F022-299 EICHHOFF-F022-299 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F012-401 EICHHOFF-F012-401 Datasheet
107Kb / 2P
   Funk-Entst철rfilter im rechteckigen Kunststoffgeh채use
F023-041 EICHHOFF-F023-041 Datasheet
127Kb / 2P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC
F011-126 EICHHOFF-F011-126 Datasheet
250Kb / 6P
   Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
F011-180 EICHHOFF-F011-180 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com