công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VHCU04SJ bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện 74VHCU04SJ
Giải thích chi tiết về linh kiện  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCU04SJ bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  74VHCU04SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCU04SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCU04SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCU04SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCU04SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCU04SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCU04SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHCU04SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCU04 Rev. 1.4.0
February 2008
74VHCU04
Hex Inverter
Features
High Speed: tPD = 3.5ns (typ.) at VCC = 5V
Low Power Dissipation: ICC = 2µA (max.) @ TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC (min.)
Power down protection is provided on all inputs
Low Noise: VOLP = 0.8V (max.)
Pin and Function Compatible with 74HCU04
General Description
The VHCU04 is an advanced high speed CMOS Inverter
fabricated with silicon gate CMOS technology. It
achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
Since the internal circuit is composed of a single stage
inverter, it can be used in analog applications such as
crystal oscillators. An input protection circuit ensures that
0V to 7V can be applied to the input pins without regard
to the supply voltage. This device can be used to inter-
face 5V to 3V systems and two supply systems such as
battery backup. This circuit prevents device destruction
due to mismatched supply and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHCU04M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHCU04SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCU04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


Số phần tương tự - 74VHCU04SJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VHCU04SJ FAIRCHILD-74VHCU04SJ Datasheet
291Kb / 9P
   Hex Inverter
logo
ON Semiconductor
74VHCU04SJ ONSEMI-74VHCU04SJ Datasheet
222Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
More results

Mô tả tương tự - 74VHCU04SJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com