công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD3580 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDD3580
Giải thích chi tiết về linh kiện  80V N-Channel PowerTrench??MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3580 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDD3580 Datasheet HTML 1Page - Fairchild Semiconductor FDD3580 Datasheet HTML 2Page - Fairchild Semiconductor FDD3580 Datasheet HTML 3Page - Fairchild Semiconductor FDD3580 Datasheet HTML 4Page - Fairchild Semiconductor FDD3580 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDD3580/FDU3580 Rev. A1(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain-Source Avalanche Ratings (Note 2)
WDSS
Single Pulse Drain-Source
Avalanche Energy
VDD = 40 V,
ID = 7.7 A
245
mJ
IAR
Maximum Drain-Source
Avalanche Current
7.7
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
80
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
79
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V, VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,ID = 250
µA
22.5
4
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
−7mV/°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 7.7 A
VGS = 6 V,
ID = 7.2 A
VGS = 10 V,
ID = 7.7 A,TJ=125
°C
23
24
37
29
33
50
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 10 V
30
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 7.7 A
28
S
Dynamic Characteristics
Ciss
Input Capacitance
1760
pF
Coss
Output Capacitance
144
pF
Crss
Reverse Transfer Capacitance
VDS = 40 V,
V GS = 0 V,
f = 1.0 MHz
72
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
13
23
ns
tr
Turn–On Rise Time
8
16
ns
td(off)
Turn–Off Delay Time
34
54
ns
tf
Turn–Off Fall Time
VDD = 40 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
16
29
ns
Qg
Total Gate Charge
35
49
nC
Qgs
Gate–Source Charge
6.2
nC
Qgd
Gate–Drain Charge
VDS = 40V,
ID = 7.7 A,
VGS = 10 V,
8.6
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
3.2
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 3.2 A
(Note 2)
0.73
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 40 °C/W when mounted on a
1in
2 pad of 2 oz copper.
Scale 1 : 1 on letter size paper
b) RθJA = 96 °C/W when mounted
on a minimum pad.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Số phần tương tự - FDD3580

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD3580 FAIRCHILD-FDD3580 Datasheet
125Kb / 5P
   80V N-Channel PowerTrench??MOSFET
logo
Inchange Semiconductor ...
FDD3580 ISC-FDD3580 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - FDD3580

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3580 FAIRCHILD-FDS3580_00 Datasheet
84Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com