công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5272CVF66 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5272CVF66
Giải thích chi tiết về linh kiện  MCF5272 Integrated Microprocessor Product Brief
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5272CVF66 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCF5272CVF66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5272CVF66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5272CVF66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5272CVF66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5272CVF66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5272CVF66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5272CVF66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5272CVF66 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5272CVF66 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
MCF5272 Integrated Microprocessor Product Brief
MOTOROLA
MCF5272 Architecture
management logic to reenable the core’s clock; execution resumes with the next instruction. This
allows rapid return from power-down state as compared to a dynamic implementation that must
perform power-on reset processing before software can handle the interrupt request. If interrupts
are enabled at the appropriate priority level, program control passes to the relevant interrupt
service routine.
Stop mode is entered by the disabling of the external clock input and is achieved by software
setting a bit in a control register. Program execution stops after the current instruction. In stop
mode, neither the core nor peripherals are active. The MCF5272 consumes very little power in this
mode. To resume normal operation, the external interrupts cause the power management logic to
re-enable the external clock input. The MCF5272 resumes program execution from where it
entered stop mode (if no interrupt are pending), or starts interrupt exception processing if
interrupts are pending.
1.2.2.5
Parallel Input/Output Ports
The MCF5272 has up to three 16-bit general-purpose parallel ports, each line of which can be programmed
as either an input or output. Some port lines have dedicated pins and others are shared with other MCF5272
functions. Some outputs have high drive current capability.
1.2.2.6
Interrupt Inputs
The MCF5272 has flexible latched interrupt inputs each of which can generate a separate, maskable
interrupt with programmable interrupt priority level and triggering edge (falling or rising). Each interrupt
has its own interrupt vector.
1.2.3
UART Module
The MCF5272 has two full-duplex UART modules with an on-chip baud rate generator providing both
standard and non-standard baud rates up to 5 Mbps. The module is functionally equivalent to the MC68681
DUART with enhanced features including 24-byte Tx and Rx FIFOs. Data formats can be 5, 6, 7, or 8 bits
with even, odd, or no parity and up to 2 stop bits in 1/16-bit increments. Receive and transmit FIFOs
minimize CPU service calls. A wide variety of error detection and maskable interrupt capability is provided.
Using a programmable prescaler or an external source, the MCF5272 system clock supports various baud
rates. Modem support is provided with request-to-send (RTS) and clear-to-send (CTS) lines available
externally. Full-duplex autoecho loopback, local loopback, and remote loopback modes can be selected.
The UART can be programmed to interrupt or wake-up the CPU on various normal or abnormal events. To
reduce power consumption, the UART can be disabled by software if not in use.
1.2.4
Timer Module
The timer module contains five timers arranged in two submodules. One submodule contains a
programmable software watchdog timer. The other contains four independent, identical general-purpose
timer units, each containing a free-running 16-bit timer for use in various modes, including capturing the
timer value with an external event, counting external events, or triggering an external signal or interrupting
the CPU when the timer reaches a set value. Each unit has an 8-bit prescaler for deriving the clock input
frequency from the system clock or external clock input. The output pin associated with each timer has
programmable modes.
To reduce power consumption, the timer module can be disabled by software.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MCF5272CVF66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5272CVM66 FREESCALE-MCF5272CVM66 Datasheet
6Mb / 544P
   MCF5272 ColdFire짰 Integrated Microprocessor
More results

Mô tả tương tự - MCF5272CVF66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
MCF5272VF66J FREESCALE-MCF5272VF66J Datasheet
6Mb / 544P
   MCF5272 ColdFire짰 Integrated Microprocessor
MCF5272CVM66 FREESCALE-MCF5272CVM66 Datasheet
6Mb / 544P
   MCF5272 ColdFire짰 Integrated Microprocessor
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
   MCF5272 ColdFire Integrated Microprocessor Users Manual
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
logo
Motorola, Inc
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
logo
Freescale Semiconductor...
MC68340FT25E FREESCALE-MC68340FT25E Datasheet
58Kb / 10P
   Product Brief Integrated Processor With DMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com