công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCXF162835MTD bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74VCXF162835MTD
Giải thích chi tiết về linh kiện  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXF162835MTD bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74VCXF162835MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Function Table
H
= HIGH Voltage Level
L
= LOW Level Voltage
X
= Immaterial (HIGH or LOW, Inputs may not float)
Z
= High Impedance
Note 2: Output level before the indicated steady-state input conditions
were established provided that CP was HIGH before LE went LOW.
Note 3: Output level before the indicated steady-state input conditions
were established.
Logic Diagram
Pin Names
Description
OE
Output Enable Input (Active LOW)
LE
Latch Enable Input
CP
Clock Input
I1 - I18
Data Inputs
O1 - O18
3-STATE Outputs
Inputs
Outputs
OE
LE
CP
In
On
H
XXX
Z
LH
X
L
L
LH
X
H
H
LL
LL
LL
HH
LL
H
X
O0 (Note 2)
LLL
X
O0 (Note 3)


Số phần tương tự - 74VCXF162835MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCXF162835MTD FAIRCHILD-74VCXF162835MTD Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
More results

Mô tả tương tự - 74VCXF162835MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVCF162835 FAIRCHILD-74ALVCF162835 Datasheet
106Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF16283_0011 FAIRCHILD-74VCXF16283_0011 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835 Datasheet
161Kb / 8P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835_04 Datasheet
163Kb / 7P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26ohm Series Resistors in Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com