công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX86M bảng dữ liệu(PDF) 10 Page - Fairchild Semiconductor

tên linh kiện 74VCX86M
Giải thích chi tiết về linh kiện  Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX86M bảng dữ liệu(HTML) 10 Page - Fairchild Semiconductor

Back Button 74VCX86M Datasheet HTML 2Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 3Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 4Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 5Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 6Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 7Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 8Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 9Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Số phần tương tự - 74VCX86M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
More results

Mô tả tương tự - 74VCX86M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVC86 FAIRCHILD-74ALVC86 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC86 FAIRCHILD-74ALVC86_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX32FT TOSHIBA-TC74VCX32FT Datasheet
282Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32M FAIRCHILD-74VCX32M Datasheet
512Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32_05 Datasheet
92Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX32 FAIRCHILD-74VCX32 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com