công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX32373GX bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện 74VCX32373GX
Giải thích chi tiết về linh kiện  Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32373GX bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

  74VCX32373GX Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
www.fairchildsemi.com
6
AC Electrical Characteristics (Note 9)
Note 9: For CL = 50PF, add approximately 300 ps to the AC maximum specification.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
T A = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Units
V CC = 3.3V ± 0.3V
V CC = 2.5V ± 0.2V
V CC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay In to On
0.83.0
1.03.4
1.56.8
ns
tPHL, tPLH
Propagation Delay LE to On
0.83.0
1.03.9
1.57.8
ns
tPZL, tPZH
Output Enable Time
0.8
3.5
1.0
4.6
1.5
9.2
ns
tPLZ, tPHZ
Output Disable Time
0.8
3.5
1.0
3.8
1.5
6.8
ns
tS
Setup Time
1.5
1.5
2.5
ns
tH
Hold Time
1.0
1.0
1.0
ns
tW
Pulse Width
1.5
1.5
4.0
ns
Symbol
Parameter
Conditions
VCC
TA = +25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
0.25
V
2.5
0.6
3.3
0.8
VOLV
Quiet Output Dynamic Valley VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
−0.25
V
2.5
−0.6
3.3
−0.8
VOHV
Quiet Output Dynamic Valley VOH
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
1.5
V
2.5
1.9
3.3
2.2
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VCC = 1.8V, 2.5V or 3.3V, VI = 0V or VCC
6pF
COUT
Output Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10 MHz,
20
pF
VCC = 1.8V, 2.5V or 3.3V


Số phần tương tự - 74VCX32373GX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCX32374 FAIRCHILD-74VCX32374 Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX32374G FAIRCHILD-74VCX32374G Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
More results

Mô tả tương tự - 74VCX32373GX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com