công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX164245 bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện 74VCX164245
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX164245 bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

  74VCX164245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tosHL) or LOW-to-HIGH (tosLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
CL 30 pF, RL 500:, TA 40qC to 85qC,
Units
VCCA 1.65V to 1.95V
VCCA 1.65V to 1.95V
VCCA 2.3V to 2.7V
VCCB 2.3V to 2.7V
VCCB 3.0V to 3.6V
VCCB 3.0V to 3.6V
Min
Max
Min
Max
Min
Max
tPHL, tPLH Propagation Delay, A to B
0.8
5.5
0.6
5.1
0.6
4.0
ns
tPHL, tPLH Propagation Delay, B to A
1.5
5.8
1.5
6.2
0.8
4.4
ns
tPZL, tPZH
Output Enable Time, OE to B
0.8
5.3
0.6
5.1
0.6
4.0
ns
tPZL, tPZH
Output Enable Time, OE to A
1.5
8.3
1.5
8.2
0.8
4.6
ns
tPLZ, tPHZ
Output Disable Time, OE to B
0.8
5.2
0.8
5.6
0.8
4.8
ns
tPLZ, tPHZ
Output Disable Time, OE to A
0.8
4.6
0.8
4.5
0.8
4.4
ns
tosHL
Output to Output Skew
0.5
0.5
0.75
ns
tosLH
(Note 8)
Symbol
Parameter
Conditions
VCCA
VCCB
TA 25qC
Units
(V)
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL,CL 30 pF, VIH VCC, VIL 0V
1.8
2.5
0.25
V
B to A
1.8
3.3
0.25
2.5
3.3
0.6
Quiet Output Dynamic Peak VOL,CL 30 pF, VIH VCC, VIL 0V
1.8
2.5
0.6
V
A to B
1.8
3.3
0.8
2.5
3.3
0.8
VOLV
Quiet Output Dynamic Valley VOL,
CL 30 pF, VIH VCC, VIL 0V
1.8
2.5
0.25
V
B to A
1.8
3.3
0.25
2.5
3.3
0.6
Quiet Output Dynamic Valley VOL,
CL 30 pF, VIH VCC, VIL 0V
1.8
2.5
0.6
V
A to B
1.8
3.3
0.8
2.5
3.3
0.8
VOHV
Quiet Output Dynamic Valley VOH,CL 30 pF, VIH VCC, VIL 0V
1.8
2.5
1.7
V
A to B
1.8
3.3
2.0
2.5
3.3
2.0
Quiet Output Dynamic Valley VOH,CL 30 pF, VIH VCC, VIL 0V
1.8
2.5
1.3
V
B to A
1.8
3.3
1.3
2.5
3.3
1.7
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VCCA 2.5V, VCCB 3.3V, VI 0V or VCCA/B
5pF
CI/O
Input/Output Capacitance
VCCA 2.5V, VCCB 3.3V, VI 0V or VCCA/B
6pF
CPD
Power Dissipation Capacitance
VCCA 2.5V, VCCB 3.3V, VI 0V or VCCA/B
20
pF
f
10 MHz


Số phần tương tự - 74VCX164245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX164245G ONSEMI-74VCX164245G Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX164245MTD ONSEMI-74VCX164245MTD Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
More results

Mô tả tương tự - 74VCX164245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ALVC163245 FAIRCHILD-74ALVC163245 Datasheet
106Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com