công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX162827 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện 74VCX162827
Giải thích chi tiết về linh kiện  Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162827 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  74VCX162827 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162827 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162827 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162827 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162827 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162827 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162827 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX162827 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 6)
Note 6: For CL = 50 PF, add approximately 300 ps to the AC maximum specification.
Note 7: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL = 100 µA
2.7 - 3.6
0.2
V
IOL = 6 mA
2.7
0.4
IOL = 8 mA
3.0
0.55
IOL = 12 mA
3.0
0.8
IOL = 100 µA
2.3 - 2.7
0.2
IOL = 6 mA
2.3
0.4
IOL = 8 mA
2.3
0.6
IOL = 100 µA
1.65 - 2.3
0.2
IOL = 3 mA
1.65
0.3
IOL = 100 µA
1.4 - 1.6
0.2
IOL = 1 mA
1.4
0.35
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
1.4 - 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
1.4 - 3.6
±10.0
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10.0
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.4 - 3.6
20.0
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 5)
1.4 - 3.6
±20.0
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.7 - 3.6
750
µA
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
Figure
(V)
Min
Max
Number
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.4
ns
Figures
1, 2
tPLH
2.5
± 0.2
1.0
4.1
1.8
± 0.15
1.5
8.2
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
16.4
Figures
5, 6
tPZL
Output Enable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
4.3
ns
Figures
1, 3, 4
tPZH
2.5
± 0.2
1.0
5.9
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
19.6
Figures
5, 7, 8
tPLZ
Output Disable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
4.3
ns
Figures
1, 3, 4
tPHZ
2.5
± 0.2
1.0
4.9
1.8
± 0.15
1.5
8.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
17.6
Figures
5, 7, 8
tOSHL
Output to Output Skew
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.5
ns
tOSLH
(Note 7)
2.5
± 0.2
0.5
1.8
± 0.15
0.75
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.5


Số phần tương tự - 74VCX162827

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX162827MTDX FAIRCHILD-74VCX162827MTDX Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results

Mô tả tương tự - 74VCX162827

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX162827MTDX FAIRCHILD-74VCX162827MTDX Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74VCX16827 FAIRCHILD-74VCX16827 Datasheet
55Kb / 7P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16827 FAIRCHILD-74ALVC16827 Datasheet
76Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
International Rectifier
74VCX16827 IRF-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX16827 FAIRCHILD-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com