công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX162240MTD bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74VCX162240MTD
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162240MTD bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74VCX162240MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
Functional Description
The 74VCX162240 contains sixteen inverting buffers with
3-STATE outputs. The device is nibble (4 bits) controlled
with each nibble functioning identically, but independent of
each other. The control pins may be shorted together to
obtain full 16-bit operation.The 3-STATE outputs are con-
trolled by an Output Enable (OEn) input. When OEn is
LOW, the outputs are in the 2-state mode. When OEn is
HIGH, the standard outputs are in the high impedance
mode but this does not interfere with entering new data into
the inputs.
Logic Diagram
Inputs
Outputs
OE1
I0–I3
O0–O3
LL
H
LH
L
HX
Z
Inputs
Outputs
OE2
I4–I7
O4–O7
LL
H
LH
L
HX
Z
Inputs
Outputs
OE3
I8–I11
O8–O11
LL
H
LH
L
HX
Z
Inputs
Outputs
OE4
I12–I15
O12–O15
LL
H
LH
L
HX
Z


Số phần tương tự - 74VCX162240MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCX162240MTD FAIRCHILD-74VCX162240MTD Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results

Mô tả tương tự - 74VCX162240MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162244 FAIRCHILD-74VCX162244 Datasheet
120Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistor in Outputs
74VCX162827MTDX FAIRCHILD-74VCX162827MTDX Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
135Kb / 8P
   Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com