công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX132M bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện 74VCX132M
Giải thích chi tiết về linh kiện  Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX132M bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  74VCX132M Datasheet HTML 1Page - Fairchild Semiconductor 74VCX132M Datasheet HTML 2Page - Fairchild Semiconductor 74VCX132M Datasheet HTML 3Page - Fairchild Semiconductor 74VCX132M Datasheet HTML 4Page - Fairchild Semiconductor 74VCX132M Datasheet HTML 5Page - Fairchild Semiconductor 74VCX132M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics (2.3V
≤ V
CC ≤ 2.7V)
DC Electrical Characteristics (1.65V
≤ V
CC < 2.3V)
AC Electrical Characteristics (Note 4)
Note 4: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 5: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
Vt+
Positive Threshold
2.3
1.6
V
Vt
Negative Threshold
2.3
0.5
V
∆V
T
Input Hysteresis
2.3
0.3
1.0
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.3–2.7
VCC–0.2
V
IOH= −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
IOH = −18 mA
2.3
1.7
VOL
LOW Level Output Voltage
IOL = 100 µA
2.3–2.7
0.2
V
IOL = 12 µA2.3
0.4
IOL = 18 mA
2.3
0.6
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
2.3–2.7
±5.0
µA
IOFF
Power Off Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3–2.7
20
µA
VCC ≤ VI ≤ 3.6V
2.3–2.7
±20
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
Vt+
Positive Threshold
1.65
1.3
V
Vt
Negative Threshold
1.65
0.25
V
∆V
T
Input Hysteresis
1.65
0.2
0.9
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65–2.3
VCC–0.2
V
IOH= −6 mA
1.65
1.25
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65–2.3
0.2
V
IOL = 6 mA
1.65
0.3
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
1.65–2.3
±5.0
µA
IOFF
Power Off Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.65–2.3
20
µA
VCC ≤ VI ≤ 3.6V
1.65–2.3
±20
TA = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Symbol
Parameter
VCC = 3.3 V ± 0.3V
VCC = 2.5 V ± 0.2V
VCC = 1.8 V ± 0.15V
Units
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
0.6
3.3
0.8
4.1
1.0
8.2
ns
tPLH
tOSHL
Output to Output
0.5
0.5
0.75
ns
tOSLH
Skew (Note 5)


Số phần tương tự - 74VCX132M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCX132M FAIRCHILD-74VCX132M Datasheet
499Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132MTC FAIRCHILD-74VCX132MTC Datasheet
499Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
More results

Mô tả tương tự - 74VCX132M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVC132 FAIRCHILD-74ALVC132 Datasheet
94Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132 FAIRCHILD-74VCX132_05 Datasheet
499Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX00 FAIRCHILD-74VCX00 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7SA00F TOSHIBA-TC7SA00F Datasheet
293Kb / 8P
   LOW-VOLTAGE 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com