công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVX573MX bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor |
|
74LVX573MX bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page www.fairchildsemi.com 2 Functional Description The LVX573 contains eight D-type latches. When the enable (LE) input is HIGH, data on the Dn inputs enters the latches. In this condition the latches are transparent, i.e., a latch output will change state each time its D input changes. When LE is LOW the latches store the informa- tion that was present on the D inputs a setup time preced- ing the HIGH-to-LOW transition of LE. The 3-STATE buffers are controlled by the Output Enable (OE) input. When OE is LOW, the buffers are enabled. When OE is HIGH the buffers are in the high impedance mode but this does not interfere with entering new data into the latches. Truth Table H HIGH Voltage L LOW Voltage Z High Impedance X Immaterial O0 Previous O0 before HIGH-to-LOW transition of Latch Enable Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Inputs Outputs OE LE D On LH H H LH L L LL X O0 HX X Z |
Số phần tương tự - 74LVX573MX |
|
Mô tả tương tự - 74LVX573MX |